Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3T23AH-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # G3T23AH-R
Description  Process Sealed Ultra-Miniature SMT Toggles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G3T23AH-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  G3T23AH-R Datasheet HTML 1Page - List of Unclassifed Manufacturers G3T23AH-R Datasheet HTML 2Page - List of Unclassifed Manufacturers G3T23AH-R Datasheet HTML 3Page - List of Unclassifed Manufacturers G3T23AH-R Datasheet HTML 4Page - List of Unclassifed Manufacturers G3T23AH-R Datasheet HTML 5Page - List of Unclassifed Manufacturers G3T23AH-R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Series G3T
Process Sealed Ultra-Miniature SMT Toggles
www.nkk.com
A47
A
PACKAGING (CONTINUED)
Tape-Reel Packaging for Right Angle Mount
Each tape-reel of 550 pockets contains 500 switches.
Minimum Leader Length: 7.87” (200mm) Minimum Trailer Length: 1.97” (50mm)
Reel Dimensions
Tape Dimensions
Stick-Tube Packaging for Upright Mount
Each stick-tube contains 50 switches.
L = Length
G3T Upright (code P)
18.31” (465mm)
G3T Upright with Bracket (code B)
21.26” (540mm)
Stick-Tube Dimensions
(78.49) Dia
3.090
(2.0)
.079
(24.4)
.961
(13.0) Dia
.512
(2.0) Typ
.079
(21.0) Dia
.827
Overall Dia (330.0)
13.0
Terminal #1
Part No.
Direction of Feed
(2.1) Dia Typ
.083
(1.5) Dia Typ
.059
(4.0) Typ
.157
(16.0) Typ
.630
(2.0) Typ
.079
(1.75)
.069
(11.5)
.453
(24.0)
.945
(6.0)
.236
(0.4)
.016
(17.8)
.701
(8.6)
.339
(13.9)
.547
(1.5) R
.059
(2.0)
.079
(9.8)
.386
(15.3)
.602
(7.7)
.303
L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com