Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3T28AH-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G3T28AH-R
Description  Process Sealed Ultra-Miniature SMT Toggles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G3T28AH-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G3T28AH-R Datasheet HTML 1Page - List of Unclassifed Manufacturers G3T28AH-R Datasheet HTML 2Page - List of Unclassifed Manufacturers G3T28AH-R Datasheet HTML 3Page - List of Unclassifed Manufacturers G3T28AH-R Datasheet HTML 4Page - List of Unclassifed Manufacturers G3T28AH-R Datasheet HTML 5Page - List of Unclassifed Manufacturers G3T28AH-R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series G3T
Process Sealed Ultra-Miniature SMT Toggles
www.nkk.com
A42
A General Specifications
Electrical Capacity (Resistive Load)
Logic Level:
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: See Supplement section for explanation of operating range.
Other Ratings
Contact Resistance:
80 milliohms maximum
Insulation Resistance:
500 megohms minimum @ 500V DC
Dielectric Strength:
500V AC minimum for 1 minute minimum
Mechanical Life:
50,000 operations minimum
Electrical Life:
50,000 operations minimum
Nominal Operating Force:
1.6N for momentary & 1.7N for maintained
Angle of Throw:
28°
Materials & Finishes
Actuator:
Polyphenylene sulfide (UL94V-0)
Case:
Polyphenylene sulfide (UL94V-0)
Sealing Rings:
Nitrile butadiene rubber
Movable Contacts:
Phosphor bronze with gold plating
Stationary Contacts:
Phosphor bronze with gold plating
Base:
Polyphenylene sulfide (UL94V-0)
Terminals:
Phosphor bronze with gold plating
Environmental Data
Operating Temperature Range:
–30°C through +85°C (–22°F through +185°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 500Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Mounting:
It is recommended that the body of models for upright mounting without bracket be fastened to a
panel or similar support for protection of solder joints from mechanical stress.
Coplanarity:
See specifications in Terms & Acronyms in Supplement section
Processing
Soldering:
Reflow Soldering recommended. See Profile B in Supplement section.
Manual Soldering: See Profile B in Supplement section.
Cleaning:
Automated cleaning. See Cleaning specifications in Supplement section.
Standards & Certifications
Flammability Standard:
UL94V-0 actuator, case & base
The G3T Series toggles have not been tested for UL recognition or CSA certification.
These switches are designed for use in a low-voltage, low-current, logic-level circuit.
When used as intended in a logic-level circuit, the results do not produce hazardous energy.


Similar Part No. - G3T28AH-R

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
G3T28AH-R NKK-G3T28AH-R Datasheet
257Kb / 6P
Ultra-Miniature Process Sealed SMT Toggles
G3T28AH-R NKK-G3T28AH-R Datasheet
189Kb / 6P
General Specifications
More results

Similar Description - G3T28AH-R

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
Process Sealed Subminiature Toggles
G3B15AP-XA NKK-G3B15AP-XA Datasheet
233Kb / 6P
Ultra-Miniature Process Sealed SMT Pushbuttons
G3T12AP-R NKK-G3T12AP-R Datasheet
257Kb / 6P
Ultra-Miniature Process Sealed SMT Toggles
G12AP NKK-G12AP Datasheet
126Kb / 4P
Process Sealed Ultra-Miniature Toggles
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
Process Sealed Miniature Toggles
logo
List of Unclassifed Man...
G3B15AB ETC2-G3B15AB Datasheet
407Kb / 6P
Ultra-Miniature Process Sealed SMT Pushbuttons
G13AH ETC2-G13AH Datasheet
121Kb / 4P
Process Sealed Ultra-Miniature Toggles
A18EP ETC2-A18EP Datasheet
980Kb / 8P
Process Sealed Subminiature Toggles
A22JB ETC2-A22JB Datasheet
213Kb / 7P
Process Sealed Subminiature Toggles
A18AV ETC2-A18AV Datasheet
980Kb / 8P
Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com