Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM1602 Datasheet(PDF) 2 Page - AZ Displays

Part # ACM1602
Description  ACM1602A SERIES LCD MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM1602 Datasheet(HTML) 2 Page - AZ Displays

  ACM1602 Datasheet HTML 1Page - AZ Displays ACM1602 Datasheet HTML 2Page - AZ Displays ACM1602 Datasheet HTML 3Page - AZ Displays ACM1602 Datasheet HTML 4Page - AZ Displays ACM1602 Datasheet HTML 5Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AZ DISPLAYS, INC.
2
6/5/97
ACM1602A SERIES LCD MODULE
4.0 ELECTRICAL CHARACTERISTICS (Ta = 25
°C, VDD = 5.0V ± 0.25V)
Item
Symbol
Condition
Min
Typ
Max
Unit
Supply voltage for LCD drive (Std temp)
VDD-VO
Ta = 25
°C
4.6
V
Supply voltage for LCD drive (Wide temp)
VDD-VO
Ta = 25
°C
6.1
V
Input voltage
VI
-
4.75
5.0
5.25
V
Input high voltage
VIH
-
2.2
-
VDD
V
Input low voltage
VIL
-
0
-
0.6
V
Output high voltage
VOH
IOH=0.2mA
2.4
-
-
V
Output low voltage
VOL
IOL=1.2mA
-
-
0.4
V
Supply current
IDD
VDD=5.0V
-
3.0
mA
Input leakage current
ILKG
-
-
-
1.0
uA
LED power supply current
ILED
VLED=5V, R=8.2
Ω
-
100
-
mA
EL power supply current
IEL
VEL=110VAC, 400HZ
-
5
-
mA
5.0 INTERFACE PIN CONNECTIONS
Pin No.
Symbol
Level
Pin Description
Function
1
VSS
-
Ground
0V
2
VDD
-
Supply voltage for logic
+5V
3
VO
-
LCD contrast adjust
By user
4
RS
H/L
Register select
H: Data; L: Instruction code
5
R/W
H/L
Read / write
H: Data read, L: Data write
6
E
H, H
→L
Enable
Start signal for data read/write
7
DB0
H/L
Data bit 0
8-bit interface
8
DB1
H/L
Data bit 1
8-bit interface
9
DB2
H/L
Data bit 2
8-bit interface
10
DB3
H/L
Data bit 3
8-bit interface
11
DB4
H/L
Data bit 4
4-bit or 8-bit interface
12
DB5
H/L
Data bit 5
4-bit or 8-bit interface
13
DB6
H/L
Data bit 6
4-bit or 8-bit interface
14
DB7
H/L
Data bit 7
4-bit or 8-bit interface
15
A
-
Anode for LED backlight
Power supply for LED/EL backlights
16
K
-
Cathode for LED backlight
Power supply for LED/EL backlights



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com