Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2012 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SA2012
Description  Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA2012 Datasheet(HTML) 3 Page - ON Semiconductor

  2SA2012 Datasheet HTML 1Page - ON Semiconductor 2SA2012 Datasheet HTML 2Page - ON Semiconductor 2SA2012 Datasheet HTML 3Page - ON Semiconductor 2SA2012 Datasheet HTML 4Page - ON Semiconductor 2SA2012 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2012
No.6306-3/5
IC -- VCE
Collector to Emitter Voltage, VCE -- V
hFE -- IC
Collector Current, IC -- A
f T -- IC
Collector Current, IC -- A
--5
--4
--3
--2
--1
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--10mA
--20mA
--30mA
--40mA
--50mA
--60mA
--70mA
--80mA
--90mA
--100mA
IB=0mA
IT00134
Ta=75
°C
25
°C
--25
°C
1000
100
7
5
3
2
7
5
3
2
10
--0.01
3
25
--10
--0.1
73
25
7
3
25
7
--1.0
VCE=--2V
IT00138
7
3
100
10
2
5
1000
7
5
3
2
--0.01
25 7
7
7
3
--0.1
25
32
5
3
--1.0
--10
57
IT00148
VCE=--10V
IC -- VBE
Base to Emitter Voltage, VBE -- V
25
°C
VCE=--2V
--5.0
--4.5
--4.0
--3.5
--3.0
--2.5
--2.0
--1.0
--0.5
--1.5
0
0
--0.2
--0.4
--0.6
--0.8
--1.4
--1.0
--1.2
IT00136
Collector to Base Voltage, VCB -- V
Cob -- VCB
5
3
2
7
5
3
2
7
5
3
2
100
10
7
--0.1
23
5
7
57
23
5
5
23
--1.0
--10
IT00146
f=1MHz
VCE(sat) -- IC
Collector Current, IC -- A
--1000
--100
2
3
5
7
2
3
5
7
--10
5
7
--0.01
--0.1
23
5
7
2
3
5 7
23
5
7
--1.0
--10
Ta=75
°C
25
°C
--25
°C
IT00140
IC / IB=20
VCE(sat) -- IC
Collector Current, IC -- A
--0.01
--0.1
23
5
7
2
3
5 7
23
5
7
--1.0
--10
--1000
7
5
3
2
--100
7
5
3
2
--10
IT00141
Ta=75
°C
25
°C
--25
°C
IC / IB=50
VBE(sat) -- IC
Collector Current, IC -- A
--10
--1.0
--0.1
--0.01
--0.1
--1.0
--10
Ta=--25
°C
25
°C
75
°C
7
5
3
2
7
5
3
2
23
5 7
2
3
5
7
2
3
5
7
IC / IB=50
IT00144



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com