Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN2580 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STN2580
Description  High voltage fast switching NPN power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN2580 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STN2580 Datasheet HTML 3Page - STMicroelectronics STN2580 Datasheet HTML 4Page - STMicroelectronics STN2580 Datasheet HTML 5Page - STMicroelectronics STN2580 Datasheet HTML 6Page - STMicroelectronics STN2580 Datasheet HTML 7Page - STMicroelectronics STN2580 Datasheet HTML 8Page - STMicroelectronics STN2580 Datasheet HTML 9Page - STMicroelectronics STN2580 Datasheet HTML 10Page - STMicroelectronics STN2580 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STN2580
Electrical characteristics
Doc ID 023873 Rev 2
7/15
Figure 14.
Reverse biased operating area
AM10010v1
0
0.5
1
1.5
2
2.5
0
100 200 300 400 500 600 700 800 900 1000
Vce [V]
hfe = 5
Vbeoff = -5 V
Rbb = 0
Ω
L=1mH
Tj 125 °C
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com