Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25C040 Datasheet(PDF) 11 Page - Microchip Technology

Part # 25C040
Description  4K SPI Bus Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25C040 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 25C040 Datasheet HTML 7Page - Microchip Technology 25C040 Datasheet HTML 8Page - Microchip Technology 25C040 Datasheet HTML 9Page - Microchip Technology 25C040 Datasheet HTML 10Page - Microchip Technology 25C040 Datasheet HTML 11Page - Microchip Technology 25C040 Datasheet HTML 12Page - Microchip Technology 25C040 Datasheet HTML 13Page - Microchip Technology 25C040 Datasheet HTML 14Page - Microchip Technology 25C040 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© 2006 Microchip Technology Inc.
DS21204E-page 11
25AA040/25LC040/25C040
3.7
Data Protection
The following protection has been implemented to
prevent inadvertent writes to the array:
• The write enable latch is reset on power-up
• A write enable instruction must be issued to set
the write enable latch
• After a byte write, page write or STATUS register
write, the write enable latch is reset
•CS must be set high after the proper number of
clock cycles to start an internal write cycle
• Access to the array during an internal write cycle
is ignored and programming is continued
• The write enable latch is reset when the WP pin is
low
3.8
Power-On State
The 25XX040 powers on in the following state:
• The device is in low-power Standby mode
(CS = 1)
• The write enable latch is reset
• SO is in high-impedance state
• A low level on CS is required to enter active state
TABLE 3-3:
WRITE-PROTECT FUNCTIONALITY MATRIX
WP
WEL
Protected Blocks
Unprotected Blocks
STATUS Register
Low
X
Protected
Protected
Protected
High
0
Protected
Protected
Protected
High
1
Protected
Writable
Writable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com