Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2710 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC2710
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2710 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC2710 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2710 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2710 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC2710
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC2710
For Audio Amplifier Applications
• High DC current gain: hFE (1) = 100~320
• Complementary to 2SA1150
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
35
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
800
mA
Base current
IB
160
mA
Collector power dissipation
PC
300
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 35 V, IE = 0
⎯
⎯
0.1
μA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
⎯
⎯
0.1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
30
⎯
⎯
V
hFE (1)
(Note)
VCE = 1 V, IC = 100 mA
100
⎯
320
DC current gain
hFE (2)
VCE = 1 V, IC = 700 mA
35
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 500 mA, IB = 20 mA
⎯
⎯
0.5
V
Base-emitter voltage
VBE
VCE = 1 V, IC = 10 mA
0.5
⎯
0.8
V
Transition frequency
fT
VCE = 5 V, IC = 10 mA
⎯
120
⎯
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
⎯
13
⎯
pF
Note: hFE (1) classification O: 100~200, Y: 160~320
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-4E1A
Weight: 0.13 g (typ.)


Similar Part No. - 2SC2710

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2710 TOSHIBA-2SC2710 Datasheet
135Kb / 2P
TRANSISTOR (FOR AUDIO AMPLIFIER APPLICATIONS)
2SC2710 TOSHIBA-2SC2710 Datasheet
116Kb / 3P
For Audio Amplifier Applications
2SC2710 TOSHIBA-2SC2710 Datasheet
134Kb / 1P
MINI PACKAGE SERIES
2SC2710 TOSHIBA-2SC2710_03 Datasheet
116Kb / 3P
For Audio Amplifier Applications
More results

Similar Description - 2SC2710

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
TPCP8505 TOSHIBA-TPCP8505 Datasheet
205Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com