Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5085 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5085
Description  TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5085 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5085 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5085 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5085 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5085 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5085 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5085 Datasheet HTML 6Page - Toshiba Semiconductor 2SC5085 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SC5085
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
2SC5085
VHF~UHF Band Low Noise Amplifier Applications
• Low noise figure, high gain.
• NF = 1.1dB, |S21e|2 = 11dB (f = 1 GHz)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
12
V
Emitter-base voltage
VEBO
3
V
Base current
IB
40
mA
Collector current
IC
80
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate, etc).
Microwave Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Transition frequency
fT
VCE = 10 V, IC = 20 mA
5
7
⎯
GHz
⎪S21e⎪
2 (1)
VCE = 10 V, IC = 20 mA, f = 500 MHz
⎯
16.5
⎯
Insertion gain
⎪S21e⎪
2 (2)
VCE = 10 V, IC = 20 mA, f = 1 GHz
7.5
11
⎯
dB
NF (1)
VCE = 10 V, IC = 5 mA, f = 500 MHz
⎯
1
⎯
Noise figure
NF (2)
VCE = 10 V, IC = 5 mA, f = 1 GHz
⎯
1.1
2
dB
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 10 V, IE = 0
⎯
⎯
1
μA
Emitter cut-off current
IEBO
VEB = 1 V, IC = 0
⎯
⎯
1
μA
DC current gain
hFE
(Note 1)
VCE = 10 V, IC = 20 mA
80
⎯
240
Output capacitance
Cob
⎯
1.0
⎯
pF
Reverse transfer capacitance
Cre
VCB = 10 V, IE = 0, f = 1 MHz (Note 2)
⎯
0.65
1.15
pF
Note 1: hFE classification O: 80~160, Y: 120~240
Note 2: Cre is measured by 3 terminal method with capacitance bridge.
Unit: mm
JEDEC
―
JEITA
SC-70
TOSHIBA
2-2E1A
Weight: 0.006 g (typ.)


Similar Part No. - 2SC5085

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5085 TOSHIBA-2SC5085 Datasheet
349Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5085 TOSHIBA-2SC5085 Datasheet
997Kb / 7P
Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
2SC5085 TOSHIBA-2SC5085 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC5085 TOSHIBA-2SC5085_07 Datasheet
997Kb / 7P
Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
More results

Similar Description - 2SC5085

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S03AT TOSHIBA-MT3S03AT Datasheet
244Kb / 4P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT3S03AU TOSHIBA-MT3S03AU Datasheet
119Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT3S06S TOSHIBA-MT3S06S Datasheet
121Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT3S06U TOSHIBA-MT3S06U Datasheet
121Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT4S06 TOSHIBA-MT4S06 Datasheet
122Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT6L03AE TOSHIBA-MT6L03AE Datasheet
144Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT6C03AE TOSHIBA-MT6C03AE Datasheet
151Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT6L03AT TOSHIBA-MT6L03AT Datasheet
150Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT6L04AE TOSHIBA-MT6L04AE Datasheet
151Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT4S32U TOSHIBA-MT4S32U Datasheet
161Kb / 8P
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com