Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USCLSFSYR2AVHTX Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # USCLSFSYR2AVHTX
Description  Digital Panel Meters Modular signal conditioner Type USC-DIN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USCLSFSYR2AVHTX Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button USCLSFSYR2AVHTX Datasheet HTML 4Page - List of Unclassifed Manufacturers USCLSFSYR2AVHTX Datasheet HTML 5Page - List of Unclassifed Manufacturers USCLSFSYR2AVHTX Datasheet HTML 6Page - List of Unclassifed Manufacturers USCLSFSYR2AVHTX Datasheet HTML 7Page - List of Unclassifed Manufacturers USCLSFSYR2AVHTX Datasheet HTML 8Page - List of Unclassifed Manufacturers USCLSFSYR2AVHTX Datasheet HTML 9Page - List of Unclassifed Manufacturers USCLSFSYR2AVHTX Datasheet HTML 10Page - List of Unclassifed Manufacturers USCLSFSYR2AVHTX Datasheet HTML 11Page - List of Unclassifed Manufacturers USCLSFSYR2AVHTX Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
Specifications are subject to change without notice
USCDS0407063
USC
BP L
Power supply:
18 to 60V AC/DC
BO R1
Single relay output
BO R2
Dual relay output
BO AV
Single analogue
output 10V, 20mA
BQ LSX, BQ LSE,
BQ LSF, BQ HSX,
BQ TRX
Measuring inputs
Input modules
Serial port modules
BR SX
RS485 Serial port
BP H
Power supply:
60 to 260V AC/DC
Modules
BO R5
4-relay output
Output modules
Power supply modules
BO R4
Dual relay output +
Dual open collector
Output modules
BR SY
RS232 Serial port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com