Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0070BA02489S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0070BA02489S
Description  70 MHz SAW Filter 35 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0070BA02489S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0070BA02489S Datasheet HTML 1Page - API Technologies Corp SF0070BA02489S Datasheet HTML 2Page - API Technologies Corp SF0070BA02489S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
70 MHz SAW Filter
35 MHz Bandwidth
Part Number: SF0070BA02489S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0070BA02489S Rev A
9-Feb-2010
ECN 36650 Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
-
70
-
MHz
Minimum Insertion Loss
1
-
24.2
25
dB
Lower 1.5 dB band Edge
3
-
51.93
52.50
MHz
Upper 1.5 dB band Edge
3
87.50
88.08
-
MHz
Lower 40 dB band Edge
3
47.00
48.60
-
MHz
Upper 40 dB band Edge
3
-
91.40
92.00
MHz
Relative Attenuation (10 to 37 MHz)
3
45
48
-
dB
Relative Attenuation (37 to 47 MHz)
3
40
42
-
dB
Relative Attenuation (92 to 103 MHz)
3
40
42
-
dB
Relative Attenuation (103 to 170 MHz)
3
45
50
-
dB
Absolute Delay
-
0.67
1
us
Amplitude Ripple
2
-
0.8
1.5
dB p-p
Amplitude Ripple (any 1.25 MHz BW)
2
0.35
0.5
dB p-p
Source/Load Impedance (differential)
50
ohms
Temperature Coefficient of Frequency
-74
ppm/˚C
Ambient Temperature
40
˚C
Notes:
1. Measured with 50Ω analyzer.
2. Measured within the 1.5 dB bandwidth.
3. Measured relative to the Insertion Loss Value.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-10
80
˚C
Input Power Level
-
+10
dBm
MATCHING CIRCUIT
Typical Matching Components: Ls1 = 270 nH
Ls2 = 660 nH
Notes:
1. Recommend +/-2% tolerance inductors. Inductor Q=40.
2. Component values shown are for reference only and may change depending on board layout.
11
5
12
6
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended
GND
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com