Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0060BA03213T Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0060BA03213T
Description  60 MHz SAW Filter 6.15 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0060BA03213T Datasheet(HTML) 2 Page - API Technologies Corp

  SF0060BA03213T Datasheet HTML 1Page - API Technologies Corp SF0060BA03213T Datasheet HTML 2Page - API Technologies Corp SF0060BA03213T Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
60 MHz SAW Filter
6.15 MHz Bandwidth
Part Number: SF0060BA03213T
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0060BA03213T Rev A 9-Feb-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
59.90
60.00
60.10
MHz
1dB Bandwidth
2
6.15
6.92
-
MHz
3dB Bandwidth
2
-
7.18
7.25
MHz
55dB Bandwidth
2
-
8.47
9.85
MHz
Device Delay
2.9
2.92
3
us
Average Insertion Loss
3
-
27.9
34
dB
Passband Amplitude Ripple
3
-
0.35
0.4
dB p-p
Passband Phase Ripple
3
-
1.6
2
deg p-p
Triple Travel and Spurious
55
58
-
dB
Input VSWR (at 60 MHz at 25C)
-
1.35
1.5
:1
Output VSWR at 60 MHz at 25C)
-
1.35
1.5
:1
Temperature Coefficient
-
-74
-
ppm/
°C
Source and Load Impedance
-
50
-
Ω
Ambient Temperature
25
˚C
Notes:
1. Defined as the average of the lower and upper 3 dB frequencies at room ambient.
2. All dB levels are defined relative to the insertion loss.
3. Evaluated from 56.925 to 63.075 MHz at room ambient.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-25
85
˚C
Input Power Level
-
13
dBm
MATCHING CIRCUIT
Lp1 = 180 nH
Lp2 = 180 nH
Notes:
•
Recommend 2% toleranced matching components. Typical Inductor Q=40.
•
Values shown are for guidance only and may change depending upon board layout.
Input
50
Ω
Single-ended
3
15
22
10
Output
50
Ω
Single-ended



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com