Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC3A
Description  formerscontrol products
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC3A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC3A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCb
terminal
bloCks
inter-
ConneCtion
fuses &
fuse-
holders
leds &
indiCators
miniature
switChes
limit &
safety
switChes
Control
ProduCts
interfaCe
modules &
suPPorts
relay
bases
enClosures
batteries
trans-
formers
control products
+44 (0)1638 716101
info@camdenboss.com
www.camdenboss.com
We operate a constant improvement policy,
our products are subject to change without notice.
138
E L E C T RO N I C S & E NC LO S UR E S
control stations Enclosures
• IP66sealed
• 21mmdiameterknockouts
withPG13.5threadforcable
glands
• Blackbasewithyellowlid
• Wallmountableviasecure
screwsinbase/cabletie
clamp
•Captiveplasticscrews
tYpE no
HolEs
lId colour
lEnGtH
WIdtH
HEIGHt
SC1A
1
Yellow
85
70
65
SC2A
2
Yellow
117
70
65
SC3A
3
Yellow
150
70
65
spEcIfIcatIons
Materials
Protection Class
Rated Temperature
Standard Colours
ABS UL94-V0
IP66
from -25°C to +70°C
Lid: Yellow (RAL 1023)
Black (RAL 9017)
Empty Enclosures
ABSenclosurespre-drilledwith22mmholesforthemountingof
pushbuttonswitches


Similar Part No. - SC3A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC3AAKE001FF BEL-SC3AAKE001FF Datasheet
5Mb / 26P
POWER CORD 5-15P TO BARE 1M BLK
SC3AAKE001FM BEL-SC3AAKE001FM Datasheet
5Mb / 26P
POWER CORD 5-15P TO BARE 1M BLK
SC3AAKE003FF BEL-SC3AAKE003FF Datasheet
5Mb / 26P
POWER CORD 5-15P TO BARE 1M BLK
SC3AAKE003FM BEL-SC3AAKE003FM Datasheet
5Mb / 26P
POWER CORD 5-15P TO BARE 1M BLK
SC3AAKE006FF BEL-SC3AAKE006FF Datasheet
5Mb / 26P
POWER CORD 5-15P TO BARE 1M BLK
More results

Similar Description - SC3A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR-TRC105 MURATA-DR-TRC105 Datasheet
712Kb / 1P
RFM products are now Murata products
LPR2430ERDK MURATA-LPR2430ERDK Datasheet
392Kb / 1P
RFM products are now Murata products
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
RFM products are now Murata products
RX5500 MURATA-RX5500 Datasheet
226Kb / 9P
RFM products are now Murata products
RX5501 MURATA-RX5501 Datasheet
227Kb / 10P
RFM products are now Murata products
RX6000 MURATA-RX6000 Datasheet
244Kb / 10P
RFM products are now Murata products
TR3000 MURATA-TR3000 Datasheet
600Kb / 12P
RFM products are now Murata products
TX5000 MURATA-TX5000 Datasheet
204Kb / 6P
RFM products are now Murata products
TX6004 MURATA-TX6004 Datasheet
207Kb / 6P
RFM products are now Murata products
WSN802G MURATA-WSN802G Datasheet
1Mb / 7P
RFM Products are now Murata products
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com