Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USCLSESYAVAVHTX Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # USCLSESYAVAVHTX
Description  Digital Panel Meters Modular signal conditioner Type USC-DIN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USCLSESYAVAVHTX Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button USCLSESYAVAVHTX Datasheet HTML 4Page - List of Unclassifed Manufacturers USCLSESYAVAVHTX Datasheet HTML 5Page - List of Unclassifed Manufacturers USCLSESYAVAVHTX Datasheet HTML 6Page - List of Unclassifed Manufacturers USCLSESYAVAVHTX Datasheet HTML 7Page - List of Unclassifed Manufacturers USCLSESYAVAVHTX Datasheet HTML 8Page - List of Unclassifed Manufacturers USCLSESYAVAVHTX Datasheet HTML 9Page - List of Unclassifed Manufacturers USCLSESYAVAVHTX Datasheet HTML 10Page - List of Unclassifed Manufacturers USCLSESYAVAVHTX Datasheet HTML 11Page - List of Unclassifed Manufacturers USCLSESYAVAVHTX Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Specifications are subject to change without notice
USCDS0407063
USC
Programming USC by means of PC
USC is programmable by PC by means of the UscSoft software (available on
request). The user can program all parameters of USC that will be subsequently
uploaded and set in the instrument by the RS485 network (BR SX).
Should USC be without the RS485 serial module, all programming parameters
will be uploaded and set in the instrument by the RS232 auxiliary serial connec-
tion (1) located on the side of the measuring input module using the special con-
nection cable (2) available on request, as shown in the figures on the left. It is
also possible to program the instrument using the connector (1) by means of the
HyperTerminal Windows functions of a PC.
Note: the RS232 auxiliary port IS NOT insulated from the measuring inputs.
Ordering code of the cable (2): UCOM1
1
2
To PC
To USC
BO R4: dual relay output +dual open collector output:
the load resistances (Rc) must be designed so that the close contact current is lower than 100mA; the VDC voltage must
be lower than or equal to 30VDC.
VDC: power supply output
Vo+: positive output (open collector transistor).
GND: ground collector (open collector transistor).
BR SX: RS485 4-wire connection: additional devices provided with RS485 port (indicated as RS1,2,3...N) are connected
in parallel. The termination of the serial port is carried out only on the last instrument of the network. The serial module is
provided with a jumper for the termination of the RS485 network as shown in the figure above.
Note: particular types of cables or plants may require an external termination. For the network connections use twisted
cable type AWG26.
RS1,2,3...N
NON terminalized network.
Terminalized network
Wiring diagrams of optional modules (cont.)
Vdc
3
2
1
SY
TX
RX
GND
LED
1
5
6
9
5
2
3
BO SY: RS232 direct
connection to PC by
means of COM port.
RS232 has no termi-
nalization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com