Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USCLSFSYAVAVHTX Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # USCLSFSYAVAVHTX
Description  Digital Panel Meters Modular signal conditioner Type USC-DIN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USCLSFSYAVAVHTX Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button USCLSFSYAVAVHTX Datasheet HTML 3Page - List of Unclassifed Manufacturers USCLSFSYAVAVHTX Datasheet HTML 4Page - List of Unclassifed Manufacturers USCLSFSYAVAVHTX Datasheet HTML 5Page - List of Unclassifed Manufacturers USCLSFSYAVAVHTX Datasheet HTML 6Page - List of Unclassifed Manufacturers USCLSFSYAVAVHTX Datasheet HTML 7Page - List of Unclassifed Manufacturers USCLSFSYAVAVHTX Datasheet HTML 8Page - List of Unclassifed Manufacturers USCLSFSYAVAVHTX Datasheet HTML 9Page - List of Unclassifed Manufacturers USCLSFSYAVAVHTX Datasheet HTML 10Page - List of Unclassifed Manufacturers USCLSFSYAVAVHTX Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Specifications are subject to change without notice
USCDS040706
7
USC
Available modules
Possible module combinations
Only for TRMS Measurements
Instantaneous effective
voltage (TRMS)
å
×
=
n
i
V
n
V
1
2
1
1
)
(
1
å
×
=
n
i
A
n
A
1
2
1
1
)
(
1
Used calculation formulas
Instantaneous effective
current (TRMS)
Type
N. of
channels
Ordering
code
USC main unit
BD XX
DC/AC input: 200µA , 2mA, 20mA,
200mV, 2V, 20V
1
BQ LSX
DC/AC input: 200µA , 2mA, 20mA,
200mV, 2V, 20V + excitation output
1
BQ LSE/
BQ LSF
DC/AC input: 200mA, 2A, 5A,
20V, 200V, 500V
1
BQ HSX
Input: 20
Ω, 200Ω, 2kΩ, 20kΩ
1
BQ TRX
TC: J-K-S-T-E, Pt100-250-500-1000, Ni100
1
BQ TRX
Analogue output 0 to 20mA, 0 to 10V
1
BO AV
Relay output
1
BO R1
Relay output
2
BO R2
Outputs: 2 relays + 2 open collectors
4
BO R4
Relay output
4
BO R5
RS485 Serial Port
1
BR SX
RS232 Serial Port
1
BR SY
Power supply 18 to 60V AC/DC
BP L
Power supply 90 to 260V AC/DC
BP H
Insulation between inputs and outputs
Meas.
inputs
Relay
output
Static
output
Analogue
output
Serial
Port
AUX
p.supply
90-260VAC/
DCp.supply
18-60VAC/
DC p.supply
Meas.
inputs
-
4kV
4kV
4kV
4kV
25V
4kV
4kV
Relay Out-
put
4kV
-
2kV
4kV
4kV
4kV
4kV
4kV
Static Out-
put
4kV
2kV
-
4kV
4kV
4kV
4kV
4kV
Analogue
Output
4kV
4kV
4kV
-
4kV
4kV
4kV
4kV
Serial Port
4kV
4kV
4kV
4kV
-
4kV
4kV
4kV
AUX
p.supply
25V
4kV
4kV
4kV
4kV
-
4kV
4kV
90/260VAC/
DC p. supply
4kV
4kV
4kV
4kV
4kV
4kV
-
-
18-60VAC/
DC p. supply
4kV
4kV
4kV
4kV
4kV
4kV
-
-
Excitation output
(*) Up to 1 module max.
Slot
Basic Unit
A
B
C
D
E
Measuring inputs:
LSX, LSE, LSF, HSX, TRX
RS485 serial port: SX
RS232 serial port: SY
Analogue output: AV (*)
Relay outputs and/or open
collector: R1, R2, R4, R5
Power supply: H, L
30
20
10
25
15
V
mA
0
10
20
30
40
50
60
5
Continuous
max. 30 s.
BQ LSE
BQ
LSF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com