Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1072CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1072CS8
Description  1.25A High Efficiency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1072CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1072CS8 Datasheet HTML 8Page - Linear Technology LT1072CS8 Datasheet HTML 9Page - Linear Technology LT1072CS8 Datasheet HTML 10Page - Linear Technology LT1072CS8 Datasheet HTML 11Page - Linear Technology LT1072CS8 Datasheet HTML 12Page - Linear Technology LT1072CS8 Datasheet HTML 13Page - Linear Technology LT1072CS8 Datasheet HTML 14Page - Linear Technology LT1072CS8 Datasheet HTML 15Page - Linear Technology LT1072CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1072
1072fc
Negative Buck Converter
LT1072 • TA11
R3
C3
25µF*
VIN
–20V
R2
1.24k
Q1
2N3906
R1
4.64k
C2
500µF
D1
L1**
220µH
C1
VIN
VSW
FB
VC
GND
LT1072
LOAD
–5.2V AT 1A
OPTIONAL
OUTPUT
FILTER
L2
4µH
C4
200µF
OPTIONAL
INPUT
FILTER
L3
REQUIRED IF INPUT LEADS ≥ 2"
PULSE ENGINEERING 52626
*
**
+
+
+
Positive Buck Converter
Driving High Voltage FET
(for Offline Applications, See AN-25)
LT1072 • TA10
+
10 TO 20V
VIN
VSW
GND
LT1072
D1
GD
Q1
LT1072 • TA12
C1
1µF
R3
470Ω
OPTIONAL
OUTPUT
FILTER
REQUIRED IF INPUT LEADS ≥ 2"
PULSE ENGINEERING 52626
*
**
D1
r
D2
L2
4µH
1N914
VIN
VSW
FB
VC
GND
LT1072
R2
1.24k
R4
10Ω
100mA
MINIMUM
5V, 1A
C3
2.2µF
C2
1µF
D3
VIN
R1
3.74k
L1**
220µH
C4
500µF
C5*
25µF
C5
200µF
+
+
+
+
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com