Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1584/5/7CT Datasheet(PDF) 4 Page - Linear Technology

Part # LT1584/5/7CT
Description  7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1584/5/7CT Datasheet(HTML) 4 Page - Linear Technology

  LT1584/5/7CT Datasheet HTML 1Page - Linear Technology LT1584/5/7CT Datasheet HTML 2Page - Linear Technology LT1584/5/7CT Datasheet HTML 3Page - Linear Technology LT1584/5/7CT Datasheet HTML 4Page - Linear Technology LT1584/5/7CT Datasheet HTML 5Page - Linear Technology LT1584/5/7CT Datasheet HTML 6Page - Linear Technology LT1584/5/7CT Datasheet HTML 7Page - Linear Technology LT1584/5/7CT Datasheet HTML 8Page - Linear Technology LT1584/5/7CT Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1584/LT1585/LT1587
158457a
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Dropout Voltage
LT1584
∆VREF = 1%, IOUT = 7A
LT1584-3.3
∆VOUT = 1%, IOUT = 7A
LT1584-3.38
∆VOUT = 1%, IOUT = 7A
LT1584-3.45
∆VOUT = 1%, IOUT = 7A
LT1584-3.6
∆VOUT = 1%, IOUT = 7A
q
1.250
1.400
V
LT1584IT-3.3
TJ < 25°C
q
1.250
1.500
V
Current Limit
LT1584
(VIN – VOUT) = 3V
(Note 4)
LT1584-3.3
(VIN – VOUT) = 3V
LT1584-3.38
(VIN – VOUT) = 3V
LT1584-3.45
(VIN – VOUT) = 3V
LT1584-3.6
(VIN – VOUT) = 3V
q
7.100
8.250
A
LT1585
(VIN – VOUT) = 5.5V
LT1585-3.3
(VIN – VOUT) = 5.5V
TJ ≥ 25°C
q
4.600
5.25
A
TJ < 25°C
q
4.100
5.25
A
LT1585-3.38
(VIN – VOUT) = 5.5V
LT1585-3.45
(VIN – VOUT) = 5.5V
LT1585-3.6
(VIN – VOUT) = 5.5V
q
4.100
4.750
A
LT1587
(VIN – VOUT) = 5.5V
LT1587-3.3
(VIN – VOUT) = 5.5V
LT1587-3.45
(VIN – VOUT) = 5.5V
LT1587-3.6
(VIN – VOUT) = 5.5V
q
3.100
3.750
A
Adjust Pin Current LT1584/5/7
q
55
120
µA
Adjust Pin Current LT1584
1.5V
≤ (VIN – VOUT) ≤ 3V, 10mA ≤ IOUT ≤ IFULL LOAD
Change (Note 4)
LT1585/7
1.5V
≤ (VIN – VOUT) ≤ 5.75V, 10mA ≤ IOUT ≤ IFULL LOAD
q
0.2
5
µA
Minimum
LT1584/5/7
1.5V
≤ (VIN – VOUT) ≤ 5.75V
q
210
mA
Load Current
Quiescent Current LT1584/5/7-3.3
VIN = 5V
LT1584/5-3.38
VIN = 5V
LT1584/5/7-3.45
VIN = 5V
LT1584/5/7-3.6
VIN = 5V
q
813
mA
LT1584IT-3.3
VIN = 5V
q
815
mA
Ripple Rejection
LT1584
f = 120Hz, COUT = 25µF Tant., (VIN – VOUT) = 2.5V, IOUT = 7A
LT1584-3.3
f = 120Hz, COUT = 25µF Tant., VIN = 5.8V, IOUT = 7A
LT1584-3.38
f = 120Hz, COUT = 25µF Tant., VIN = 5.88V, IOUT = 7A
LT1584-3.45
f = 120Hz, COUT = 25µF Tant., VIN = 5.95V, IOUT = 7A
LT1584-3.6
f = 120Hz, COUT = 25µF Tant., VIN = 6.1V, IOUT = 7A
LT1585
f = 120Hz, COUT = 25µF Tant., (VIN – VOUT) = 3V,
IOUT = 4.6A, TJ ≥ 25°C
f = 120Hz, COUT = 25µF Tant., (VIN – VOUT) = 3V,
IOUT = 4A, TJ < 25°C
LT1585-3.3
f = 120Hz, COUT = 25µF Tant., VIN = 6.3V,
IOUT = 4.6A, TJ ≥ 25°C
f = 120Hz, COUT = 25µF Tant., VIN = 6.3V,
IOUT = 4A, TJ < 25°C
LT1585-3.38
f = 120Hz, COUT = 25µF Tant., VIN = 6.38V, IOUT = 4A
LT1585-3.45
f = 120Hz, COUT = 25µF Tant., VIN = 6.45V, IOUT = 4A
LT1585-3.6
f = 120Hz, COUT = 25µF Tant., VIN = 6.6V, IOUT = 4A
LT1587
f = 120Hz, COUT = 25µF Tant., (VIN – VOUT) = 3V, IOUT = 3A
LT1587-3.3
f = 120Hz, COUT = 25µF Tant., VIN = 6.3V, IOUT = 3A
LT1587-3.45
f = 120Hz, COUT = 25µF Tant., VIN = 6.45V, IOUT = 3A
LT1587-3.6
f = 120Hz, COUT = 25µF Tant., VIN = 6.6V, IOUT = 3A
q
60
72
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com