Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATEVK1104 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATEVK1104
Description  AVR32 EVK1104 Evaluation Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATEVK1104 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATEVK1104 Datasheet HTML 1Page - ATMEL Corporation ATEVK1104 Datasheet HTML 2Page - ATMEL Corporation ATEVK1104 Datasheet HTML 3Page - ATMEL Corporation ATEVK1104 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Your Electronic Engineering Resource 
 
Legal Disclaimer: The content of the pages of this website is for your general information and use only. It is subject to change without notice. From time to time, this website may
also include links to other websites. These links are provided for your convenience to provide further information. They do not signify that we endorse the website(s). We have no
responsibility for the content of the linked website(s). Your use of any information or materials on this website is entirely at your own risk, for which we shall not be liable. It shall
be your own responsibility to ensure that any products, services or information available through this website meet your specific requirements.
Four Universal Synchronous/Asynchronous Receiver/Transmitters (USART)
Two Master/Slave Serial Peripheral Interfaces (SPI) with Chip Select Signals
One Synchronous Serial Protocol Controller
Two Master/Slave Two-Wire Interface (TWI), 400kbit/s I2C-compatible
On-Chip Debug System (JTAG interface)
110 General Purpose Input/Output (GPIOs)
144-pin TBGA and LQFP
Single 3.3V Power Supply
Ordering Information:
Products:
Part Number
Manufacturer
Farnell P/N
Newark P/N
ATEVK1104
Atmel
1715477
15R0260
Associated Products:
Part Number
Manufacturer
Description
Farnell P/N
Newark P/N
AVRONE-PSU
Atmel
PSU for AVRONE
1715521
15R0340
ATJTAGICE2
Atmel
Development Kit, Debug Tool
9171100
23M5050
ATJTAGICE2
-
JMS2206
Atmel
Test Board Kit, Combo
1526599
73M8851
AT32UC3A3256-AL
UT
Atmel
MCU,32BIT,AVR32,256K
FLASH, 144LQFP
1715452
15R0316
AT45DB642D-TU
Atmel
Data Flash 64MB
1095799
89K8481
MT48LC16M16A2P-
75:D
Micron
SDRAM 256MB
1216280
97K6120
TPS2112APW
TI
Multiplexer IC
1412179
01J0958
TPS62040DRCR
TI
TPS62040DRC - 1.2 A 1.25
MHZ, High Efficiency
1412547
87H2901
QT60168-ASG
Atmel
Touch sensor
1099146
97K8272
TPS2021D
TI
Power distribution switches
1755292
62M0669
TPA6130A2RTJR
TI
Amplifier with I2C volume
control
1575067
34M0132
AT32UC3B1256-AU
T
Atmel
MCU,32BIT,AVR32,256K
FLASH,48TQFP
1715454
15R0318



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com