Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS10DFIV020 Datasheet(PDF) 39 Page - SPANSION

Part # S29GL01GS10DFIV020
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS10DFIV020 Datasheet(HTML) 39 Page - SPANSION

Back Button S29GL01GS10DFIV020 Datasheet HTML 35Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 36Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 37Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 38Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 39Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 40Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 41Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 42Page - SPANSION S29GL01GS10DFIV020 Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
39
Data
She e t
5.4.2.1
DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host system whether an Embedded Algorithm is in progress or
has completed. Data# Polling is valid after the rising edge of the final WE# pulse in the program or erase
command sequence. Note that the Data# Polling is valid only for the last word being programmed in the write-
buffer-page during Write Buffer Programming. Reading Data# Polling status on any word other than the last
word to be programmed in the write-buffer-page will return false status information.
During the Embedded Program algorithm, the device outputs on DQ7 the complement of the data bit
programmed to DQ7. This DQ7 status also applies to programming during Erase Suspend. When the
Embedded Program algorithm is complete, the device outputs the data bit programmed to bit 7 of the last
word programmed. In case of a Program Suspend, the device allows only reading array data. If a program
address falls within a protected sector, Data# Polling on DQ7 is active for approximately 20 µs, then the
device returns to reading array data.
During the Embedded Erase or Blank Check algorithms, Data# Polling produces a 0 on DQ7. When the
algorithm is complete, or if the device enters the Erase Suspend mode, Data# Polling produces a 1 on DQ7.
This is analogous to the complement / true datum output described for the Embedded Program algorithm: the
erase function changes all the bits in a sector to 1; prior to this, the device outputs the complement or '0'. The
system must provide an address within the sector selected for erasure to read valid status information on
DQ7.
After an erase command sequence is written, if the sector selected for erasing is protected, Data# Polling on
DQ7 is active for approximately 100 µs, then the device returns to reading array data.
When the system detects DQ7 has changed from the complement to true data, it can read valid data at
DQ15-DQ0 on the following read cycles. This is because DQ7 may change asynchronously with DQ6-DQ0
while Output Enable (OE#) is asserted Low. This is illustrated in Figure 10.16 on page 88. Table 5.3
on page 42 shows the outputs for Data# polling on DQ7. Figure 5.2 on page 29 shows the Data# polling
algorithm use in Write Buffer Programming.
Valid DQ7 data polling status may only be read from:
 the address of the last word loaded into the Write Buffer for a Write Buffer programming operation;
 the location of a single word programming operation;
 or a location in a sector being erased or blank checked;
 or a location in any sector during chip erase.
Figure 5.5 Data# Polling Algorithm
Note:
1. DQ7 should be rechecked even if DQ5 = 1 because DQ7 may change simultaneously with DQ5.
START
Read DQ7-DQ0
-
FAIL
DQ7 = Data?
No
Yes
DQ5 = 1?
No
Yes
DQ7 = Data?
No
Yes
PASS
Read DQ 7 -DQ0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com