Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01021 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 01021
Description  Combination pliers Basic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

01021 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  01021 Datasheet HTML 1Page - List of Unclassifed Manufacturers 01021 Datasheet HTML 2Page - List of Unclassifed Manufacturers 01021 Datasheet HTML 3Page - List of Unclassifed Manufacturers 01021 Datasheet HTML 4Page - List of Unclassifed Manufacturers 01021 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Z 01 0 01
Combination pliers Basic.
Standards:
DIN ISO 5746.
Head shape:
Extra long cutting edge for flat and round cables.
Design:
Serrated gripper jaws.
Cutting edges additionally induction hardened to approx. 62 HRC.
The Wiha DynamicJoint ensures optimal transmission of hand strength to the
cutting edges.
Material:
High-quality tool steel, tempered.
Application:
General purpose pliers for gripping and holding as well as cutting soft and hard
wires and cables.
Ord.No.
26703
160
6 ½
3,0
2,0
160
5
26706
180
7
3,4
2,2
205
5
26709
200
8
3,6
2,5
280
5
Z 02 0 01
High leverage combination pliers Basic.
Standards:
DIN ISO 5746.
Head shape:
Extra long cutting edge for flat and round cables.
Design:
Serrated gripper jaws.
Particularly powerful leverage results in 40% less effort being required for cutting
tasks compared with standard combination pliers.
Cutting edges additionally inductively hardened to approx. 64 HRC, therefore also
appropriate for cutting piano wire.
The Wiha DynamicJoint ensures optimal transmission of hand strength to the
cutting edges.
Page 1 of 5


Similar Part No. - 01021

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
01021 WIHA-01021 Datasheet
52Kb / 1P
Screwdriver SoftFinish®
logo
Legrand North America, ...
010210 LEGRAND-010210 Datasheet
172Kb / 1P
cylindrical cartridge fuses
010212 LEGRAND-010212 Datasheet
172Kb / 1P
cylindrical cartridge fuses
logo
Weidmuller
0102120000 WEIDMULLER-0102120000 Datasheet
1Mb / 52P
SAK-series
logo
SUYIN USA, INC.
010212FR SUYIN-USA-010212FR Datasheet
158Kb / 1P
15S3PCS AUDIOJACK (31)
More results

Similar Description - 01021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
32919 ETC2-32919 Datasheet
199Kb / 1P
Wiha ComfortGrip Pliers
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
CRIMPFOX-C120 PHOENIX-CRIMPFOX-C120 Datasheet
48Kb / 3P
Basic pliers, for accommodating dies for a wide range of contact types up to 120 mm짼
CRIMPFOX-C-D PHOENIX-CRIMPFOX-C-D Datasheet
43Kb / 2P
Basic pliers, for accommodating dies for various type of contacts, unlockable pressure lock, lateral entry
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
UNIFOX-C-VDE-M PHOENIX-UNIFOX-C-VDE-M Datasheet
53Kb / 2P
UNIFOX ... VDE-insulated combination pliers in straight and angled versions
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com