Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM2002R Datasheet(PDF) 3 Page - AZ Displays

Part # ACM2002R
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM2002R Datasheet(HTML) 3 Page - AZ Displays

  ACM2002R Datasheet HTML 1Page - AZ Displays ACM2002R Datasheet HTML 2Page - AZ Displays ACM2002R Datasheet HTML 3Page - AZ Displays ACM2002R Datasheet HTML 4Page - AZ Displays ACM2002R Datasheet HTML 5Page - AZ Displays ACM2002R Datasheet HTML 6Page - AZ Displays ACM2002R Datasheet HTML 7Page - AZ Displays ACM2002R Datasheet HTML 8Page - AZ Displays ACM2002R Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACM2002R SERIES LCD MODULE
AZ DISPLAYS, INC.
09/17/99
2
3.0 ELECTRICAL CHARACTERISTICS
Item
Symbol
Condition
Min
Typ
Max
Unit
Input voltage (high)
Vih
H level
2.2
-
Vdd
V
Input voltage (low)
Vil
L level
0
-
0.6
V
0ºC
-
4.8
5.4
25ºC
4.2
4.6
-
Recommended LC Driving
Voltage (Standard Temp)
Vdd - Vo
50ºC
3.9
4.3
-
V
-20ºC
-
6.4
7.2
0ºC
-
4.8
-
50ºC
-
4.3
-
Recommended LC Driving
Voltage (Wide Temp)
Vdd -Vo
70ºC
3.6
4.1
-
V
Power Supply Current
Idd
Vdd=5.0V,
fosc=270kHz
-
1.0
1.8
mA
LED Power Supply Voltage
Vfled
R=6.8
Ω
-
4.6
5.0
V
LED Power Supply Current
Ifled
R=6.8
Ω
-
480
880
mA
4.0 OPTICAL CHARACTERISTICS (Ta=25ºC, Vdd= 5.0V±0.25V, TN LC fluid)
Item
Symbol
Condition
Min
Typ
Max
Unit
Viewing angle (horizontal)
θ
Cr
≥ 4.0
-25
-
-
deg
Viewing angle (vertical)
φ
Cr
≥ 4.0
-30
-
30
deg
Contrast Ratio
Cr
φ=0°, θ=0°
-
2
-
Response time (rise)
Tr
φ=0°, θ=0°
-
120
150
ms
Response time (fall)
Tf
φ=0°, θ=0°
-
120
150
ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com