Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3015IDD Datasheet(PDF) 2 Page - Linear Technology

Part # LT3015IDD
Description  1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3015IDD Datasheet(HTML) 2 Page - Linear Technology

  LT3015IDD Datasheet HTML 1Page - Linear Technology LT3015IDD Datasheet HTML 2Page - Linear Technology LT3015IDD Datasheet HTML 3Page - Linear Technology LT3015IDD Datasheet HTML 4Page - Linear Technology LT3015IDD Datasheet HTML 5Page - Linear Technology LT3015IDD Datasheet HTML 6Page - Linear Technology LT3015IDD Datasheet HTML 7Page - Linear Technology LT3015IDD Datasheet HTML 8Page - Linear Technology LT3015IDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3015
2
3015f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage .........................................................±33V
OUT Pin Voltage (Note 10) ......................................±33V
OUT to IN Differential Voltage (Note 10) ........–0.3V, 33V
ADJ Pin Voltage
(with Respect to IN Pin) (Note 10) .............–0.3V, 33V
SHDN Pin Voltage
(with Respect to IN Pin) (Note 10) .............–0.3V, 55V
SHDN Pin Voltage
(with Respect to GND Pin) ..........................–33V, 22V
(Note 1)
TOP VIEW
DD PACKAGE
8-LEAD (3mm
3mm) PLASTIC DFN
5
6
7
8
9
IN
4
3
2
1
IN
IN
SHDN
GND
OUT
OUT
ADJ
GND
TJMAX = 125°C, θJA = 40°C/W, θJC = 7.5°C/W
EXPOSED PAD (PIN 9) IS IN, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
IN
IN
IN
IN
SHDN
GND
12
11
10
9
8
7
OUT
OUT
OUT
OUT
ADJ
GND
TOP VIEW
MSE PACKAGE
12-LEAD PLASTIC MSOP
13
IN
TJMAX = 125°C, θJA = 37°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 13) IS IN, MUST BE SOLDERED TO PCB
Q PACKAGE
5-LEAD PLASTIC DD-PAK
FRONT VIEW
TAB IS IN
OUT
ADJ
IN
GND
SHDN
5
4
3
2
1
TJMAX = 125°C, θJA = 14°C/W, θJC = 3°C/W
T PACKAGE
5-LEAD PLASTIC TO-220
OUT
ADJ
IN
GND
SHDN
FRONT VIEW
5
4
3
2
1
TAB IS IN
TJMAX = 125°C, θJA = 50°C/W, θJC = 3°C/W
Output Short-Circuit Duration .......................... Indefinite
Operating Junction Temperature Range (Note 9)
E-, I-Grade ........................................ –40°C to 125°C
MP-Grade ......................................... –55°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10Sec)
MS12E Package ................................................ 300°C
Q, T Packages................................................... 250°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com