Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3505EDD Datasheet(PDF) 2 Page - Linear Technology

Part # LT3505EDD
Description  1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3505EDD Datasheet(HTML) 2 Page - Linear Technology

  LT3505EDD Datasheet HTML 1Page - Linear Technology LT3505EDD Datasheet HTML 2Page - Linear Technology LT3505EDD Datasheet HTML 3Page - Linear Technology LT3505EDD Datasheet HTML 4Page - Linear Technology LT3505EDD Datasheet HTML 5Page - Linear Technology LT3505EDD Datasheet HTML 6Page - Linear Technology LT3505EDD Datasheet HTML 7Page - Linear Technology LT3505EDD Datasheet HTML 8Page - Linear Technology LT3505EDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3505
2
3505fc
Input Voltage (VIN)....................................................40V
BOOST Pin Voltage ..................................................50V
BOOST Pin Above SW Pin.........................................25V
SHDN Pin..................................................................40V
FB Pin .........................................................................6V
VC Pin .........................................................................3V
RT Pin .........................................................................3V
ABSOLUTE MAXIMUM RATINGS
(Note 1)
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
BOOST
SW
VIN
SHDN
VC
FB
RT
GND
TJMAX = 125°C, θJA = 43°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
BOOST
8
7
6
5
9
VC
FB
RT
GND
TOP VIEW
MS8E PACKAGE
8-LEAD PLASTIC MSOP
SW
VIN
SHDN
TJMAX = 125°C, θJA = 40°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
Operating Temperature Range (Note 2)
LT3505E .............................................. –40°C to 85°C
LT3505I ............................................. –40°C to 125°C
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range................... –65°C to 150°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3505EDD#PBF
LT3505EDD#TRPBF
LCHB
8-Lead (3mm x 3mm) Plastic DFN
–40°C to 85°C
LT3505IDD#PBF
LT3505IDD#TRPBF
LCHC
8-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3505EMS8E#PBF
LT3505EMS8E#TRPBF
LTCNX
8-Lead Plastic MSOP
–40°C to 85°C
LT3505IMS8E#PBF
LT3505IMS8E#TRPBF
LTCNY
8-Lead Plastic MSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3505EDD
LT3505EDD#TR
LCHB
8-Lead (3mm x 3mm) Plastic DFN
–40°C to 85°C
LT3505IDD
LT3505IDD#TR
LCHC
8-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3505EMS8E
LT3505EMS8E#TR
LTCNX
8-Lead Plastic MSOP
–40°C to 85°C
LT3505IMS8E
LT3505IMS8E#TR
LTCNY
8-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com