Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC485MJ8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC485MJ8
Description  Low Power RS485 Interface Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485MJ8 Datasheet(HTML) 2 Page - Linear Technology

  LTC485MJ8 Datasheet HTML 1Page - Linear Technology LTC485MJ8 Datasheet HTML 2Page - Linear Technology LTC485MJ8 Datasheet HTML 3Page - Linear Technology LTC485MJ8 Datasheet HTML 4Page - Linear Technology LTC485MJ8 Datasheet HTML 5Page - Linear Technology LTC485MJ8 Datasheet HTML 6Page - Linear Technology LTC485MJ8 Datasheet HTML 7Page - Linear Technology LTC485MJ8 Datasheet HTML 8Page - Linear Technology LTC485MJ8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LTC485
2
485fi
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltage..........................................................12V
Control Input Voltages .....................–0.5V to VCC + 0.5V
Driver Input Voltage .........................–0.5V to VCC + 0.5V
Driver Output Voltage..............................................±14V
Receiver Input Voltage ............................................±14V
Receiver Output Voltages................ –0.5V to VCC + 0.5V
Operating Temperature Range
LTC485I......................................... –40°C ≤ TA ≤ 85°C
LTC485C ........................................... 0°C ≤ TA ≤ 70°C
LTC485M..................................... –55°C ≤ TA ≤ 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
N8 PACKAGE
8-LEAD PLASTIC DIP
1
2
3
4
8
7
6
5
TOP VIEW
VCC
B
A
GND
S8 PACKAGE
8-LEAD PLASTIC SOIC
R
D
RO
RE
DE
DI
J8 PACKAGE
8-LEAD CERAMIC DIP
TJMAX = 125°C, θJA = 100°C/W (N)
TJMAX = 150°C, θJA = 150°C/W (S)
TJMAX = 155°C, θJA = 100°C/W (J)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC485CN8#PBF
LTC485CN8#TRPBF
LTC485CN8
8-Lead Plastic DIP
0°C to 70°C
LTC485CS8#PBF
LTC485CS8#TRPBF
485
8-Lead Plastic SOIC
0°C to 70°C
LTC485IN8#PBF
LTC485IN8#TRPBF
LTC485IN8
8-Lead Plastic DIP
–40°C to 85°C
LTC485IS8#PBF
LTC485IS8#TRPBF
485I
8-Lead Plastic SOIC
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC485CN8
LTC485CN8#TR
LTC485CN8
8-Lead Plastic DIP
0°C to 70°C
LTC485CS8
LTC485CS8#TR
485
8-Lead Plastic SOIC
0°C to 70°C
LTC485IN8
LTC485IN8#TR
LTC485IN8
8-Lead Plastic DIP
–40°C to 85°C
LTC485IS8
LTC485IS8#TR
485I
8-Lead Plastic SOIC
–40°C to 85°C
LTC485MJ8
LTC485MJ8#TR
LTC485MJ8
8-Lead Ceramic DIP
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOD1
Differential Driver Output Voltage (Unloaded)
IO = 0
l
5
V
VOD2
Differential Driver Output Voltage (with Load)
R = 50Ω (RS422)
R = 27Ω (RS485), Figure 1
l
l
2
1.5
5
V
V
ΔVOD
Change in Magnitude of Driver Differential
Output Voltage for Complementary States
R = 27Ω or R = 50Ω, Figure 1
l
0.2
V
VOC
Driver Common Mode Output Voltage
R = 27Ω or R = 50Ω, Figure 1
l
3
V
Δ|VOC|
Change in Magnitude of Driver Common Mode
Output Voltage for Complementary States
R = 27Ω or R = 50Ω, Figure 1
l
0.2
V
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V ±5%, unless otherwise noted. (Notes 2 and 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com