Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC489CSW-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC489CSW-PBF
Description  Quad RS485 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC489CSW-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC489CSW-PBF Datasheet HTML 1Page - Linear Technology LTC489CSW-PBF Datasheet HTML 2Page - Linear Technology LTC489CSW-PBF Datasheet HTML 3Page - Linear Technology LTC489CSW-PBF Datasheet HTML 4Page - Linear Technology LTC489CSW-PBF Datasheet HTML 5Page - Linear Technology LTC489CSW-PBF Datasheet HTML 6Page - Linear Technology LTC489CSW-PBF Datasheet HTML 7Page - Linear Technology LTC489CSW-PBF Datasheet HTML 8Page - Linear Technology LTC489CSW-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC488/LTC489
5
4889fb
PIN FUNCTIONS
B 1 (Pin 1): Receiver 1 Input.
A1 (Pin 2): Receiver 1 Input.
RO1 (Pin 3): Receiver 1 Output. If the receiver output
is enabled, then if A > B by 200mV, RO1 will be high. If
A < B by 200mV, then RO1 will be low.
EN (Pin 4) LTC488: Receiver Output Enabled. See Function
Table for details.
EN12 (Pin 4) LTC489: Receiver 1, Receiver 2 Output
Enabled. See Function Table for details.
RO2 (Pin 5): Receiver 2 Output. Refer to RO1.
A2 (Pin 6): Receiver 2 Input.
B2 (Pin 7): Receiver 2 Input.
GND (Pin 8): Ground Connection.
B3 (Pin 9): Receiver 3 Input.
A3 (Pin 10): Receiver 3 Input.
RO3 (Pin 11): Receiver 3 Output. Refer to RO1.
EN (Pin 12) LTC488: Receiver Output Disabled. See Func-
tion Table for details.
EN34 (Pin 12) LTC489: Receiver 3, Receiver 4 output
enabled. See Function Table for details.
RO4 (Pin 13): Receiver 4 Output. Refer to RO1.
A4 (Pin 14): Receiver 4 Input.
B4 (Pin 15): Receiver 4 Input.
VCC (Pin 16): Positive Supply; 4.75V ≤ VCC ≤ 5.25V.
FUNCTION TABLES
LTC488
DIFFERENTIAL
ENABLES
OUTPUT
A – B
EN
EN
RO
VID ≥ 0.2V
H
X
X
L
H
H
–0.2V < VID < 0.2V
H
X
X
L
?
?
VID ≤ 0.2V
H
X
X
L
L
L
XL
H
Z
LTC489
DIFFERENTIAL
ENABLES
OUTPUT
A – B
EN12 or EN34
RO
VID ≥ 0.2V
H
H
–0.2V < VID < 0.2V
H
?
VID ≤ 0.2V
H
L
XL
Z
H: High Level
L: Low Level
X: Irrelevant
?: Indeterminate
Z: High Impedance (Off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com