Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1289BCSW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1289BCSW
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289BCSW Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1289BCSW Datasheet HTML 2Page - Linear Technology LTC1289BCSW Datasheet HTML 3Page - Linear Technology LTC1289BCSW Datasheet HTML 4Page - Linear Technology LTC1289BCSW Datasheet HTML 5Page - Linear Technology LTC1289BCSW Datasheet HTML 6Page - Linear Technology LTC1289BCSW Datasheet HTML 7Page - Linear Technology LTC1289BCSW Datasheet HTML 8Page - Linear Technology LTC1289BCSW Datasheet HTML 9Page - Linear Technology LTC1289BCSW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LTC1289
1289fb
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Supply Current (Power Shutdown)
vs Temperature
Maximum Filter Resistor vs
Cycle Time
Sample and Hold Acquisition
Time vs Source Resistance
Supply Current (Power Shutdown)
vs ACLK
Input Channel Leakage Current
vs Temperature
Noise Error vs Reference Voltage
AMBIENT TEMPERATURE (
°C)
–50
0
100
300
400
500
1000
700
–10
30
50
130
LTC1289 TPC14
200
800
900
600
–30
10
70
90 110
ON CHANNEL
OFF CHANNEL
GUARANTEED
REFERENCE VOLTAGE (V)
0
0.6
0.8
1.0
2.0
0.4
0.2
0
0.5
1.0
1.5
2.5
3.0
LTC1289 TPC15
LTC1289 NOISE = 200
µV
p-p
CYCLE TIME (
µs)
10
100
1k
10k
10
1000
10000
LTC1289 TPC10
1
100
+
–
VIN
CFILTER ≥ 1µF
RFILTER
RSOURCE+ (Ω)
100
1
10
100
1k
10k
LTC1289 TPC11
+
–
VIN
RSOURCE+
VREF = 2.5V
VCC = 3V
TA = 25°C
0V TO 2.5V INPUT STEP
AMBIENT TEMPERATURE (
°C)
–60
0
0.2
0.6
0.8
1.0
2.0
1.4
–20
20
40
LTC1289 TPC12
0.4
1.6
1.8
1.2
–40
0
60
80
100
ACLK OFF DURING
POWER SHUTDOWN
ACLK FREQUENCY (kHZ)
200
12
14
16
800
10
8
400
600
1000
6
4
18
LTC1298 TPC13
VCC = 3V
CMOS LOGIC SWINGS
tsuCS vs Supply Voltage
Power Consumption with Power
Shutdown vs fSAMPLE
SUPPLY VOLTAGE (V)
2.7
0
50
100
150
200
250
300
2.8 2.9
3.3
3.4
LTC1289 TPC16
3.6
3.0 3.1 3.2
3.5
TA = 25°C
** MAXIMUM RFILTER REPRESENTS THE FILTER
RESISTOR VALUE AT WHICH A 0.1LSB CHANGE
IN FULL SCALE ERROR FROM ITS VALUE AT RFILTER
= 0 IS FIRST DETECTED.
fSAMPLE (Hz)
10
100
1000
10000
1
100
1000
10000
LTC1289 TPC17
1
10
VCC = 3V
VREF = 2.5V
ACLK = 2MHz
CMOS LOGIC SWINGS
THREE CONVERSIONS/CYCLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com