Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBH Datasheet(PDF) 1 Page - MMD Components

Part # MBH
Description  MBH Series Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MBH Datasheet(HTML) 1 Page - MMD Components

  MBH Datasheet HTML 1Page - MMD Components MBH Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
02/07/11 J
Subject to change without notice
Pg 1 of 2
Revision:
M
MB
BH
H S
Se
erriie
ess O
Osscciilllla
atto
orr
Marking Detail
Mechanical & Environmental Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Digit Date Code (Year /
Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
 Industry Standard Package
 RoHS Compliant Available
 Tri-state Function
 Wide Frequency Range
Frequency Range
20.000kHZ to 200.000MHz
Frequency Stability (Inclusive of Temperature, Load,
Voltage and Aging)
See Part Number Guide
Operating Temperature
See Part Number Guide
Storage Temperature
-55°C to +125°C
Waveform
HCMOS
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
Duty Cycle
See Part Number Guide
Load
10 TTL Gates or 50pF max
Start Up Time
10mSec max
Rise/Fall Time
Up to 24.000MHz
10 nSec max
24.001MHz to 70.000MHz
6 nSec max
70.001MHz to 100.000MHz
4 nSec max
100.001MHz to 200.000MHz
2 nSec max
Supply Voltage (VDC ±10%)
+5.0
+3.3
+2.5/+1.8
20.000kHz to 24.000MHz
20mA
10mA
NA
24.001MHz to 50.000MHz
30mA
20mA
NA
50.001MHz to 70.000MHz
50mA
25mA
NA
70.001MHz to 200.000MHz
60mA
35mA
NA
24.000MHz to 30.000MHz
NA
NA
20mA
30.001MHz to 80.000MHz
NA
NA
40mA


Similar Part No. - MBH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MBH MMD-MBH Datasheet
91Kb / 1P
Industry Standard Package
logo
TOKO, Inc
MBH10145C TOKO-MBH10145C Datasheet
245Kb / 1P
Magnetically shielded
logo
List of Unclassifed Man...
MBH10800 ETC-MBH10800 Datasheet
703Kb / 2P
Mini Braking High Power Resistors
logo
TOKO, Inc
MBH12282C TOKO-MBH12282C Datasheet
246Kb / 1P
Magnetically shielded
MBH12575C TOKO-MBH12575C Datasheet
209Kb / 1P
AEC-Q200 Compliant
More results

Similar Description - MBH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CRB456F ETC-CRB456F Datasheet
182Kb / 1P
Special-sie oscillator series
logo
Connor-Winfield Corpora...
MPH73 CONNOR-WINFIELD-MPH73 Datasheet
52Kb / 1P
MPH-SERIES OSCILLATOR
logo
MMD Components
MDH MMD-MDH_12 Datasheet
112Kb / 2P
MDH & MDT Series Oscillator
logo
Oscilent Corporation
CO-320 OSCILENT-CO-320 Datasheet
143Kb / 3P
320 Series Crystal Oscillator
CO-340 OSCILENT-CO-340 Datasheet
141Kb / 3P
340 Series Crystal Oscillator
CO-390 OSCILENT-CO-390 Datasheet
132Kb / 2P
390 Series Crystal Oscillator
CO-391 OSCILENT-CO-391 Datasheet
132Kb / 2P
391 Series Crystal Oscillator
CO-392 OSCILENT-CO-392 Datasheet
132Kb / 2P
392 Series Crystal Oscillator
logo
PETERMANN-TECHNIK
LPXO PETERMANN-LPXO Datasheet
1Mb / 6P
SMD-OSCILLATOR SERIES
logo
TEMEX
LNO100 TEMEX-LNO100 Datasheet
873Kb / 9P
Low Noise Oscillator series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com