Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOBH Datasheet(PDF) 2 Page - MMD Components

Part # MOBH
Description  MOBH & MOBZ Series ??1??Sq. 14 Pin Compatible OCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MOBH Datasheet(HTML) 2 Page - MMD Components

  MOBH Datasheet HTML 1Page - MMD Components MOBH Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
07/26/11 F
Revisions only with customer approval
Pg 2 of 2
Revision:
Part Number Guide
Mechanical Details
Frequency
MOB
1" SQUARE, 14 PIN
Please Consult with M M D Sales Departm ent for any other Param eters or O ptions
Output
H = H CM O S
Z = Sinewave
Frequency
Stability
010 = ±10PPB
030 = ±30PPB
050 = ±50PPB
100 = ±100PPB
250 = ±250PPB
500 = ±500PPB
Operating
Tem perature
A =
0°C to + 50°C
C = -20°C to +70°C
D = -30°C to +70°C
E = -30°C to +80°C
F = -40°C to +85°C
Crystal Cut
Blank = AT Cut
S = SC Cut
Supply Voltage
3
= +3.3 VDC
5
= +5 VD C
12 = +12 VDC
B = -10°C to + 60°C
RoHS Compliant
Blank = N ot Com pliant
F = Is Com pliant
Pin 1 Connection
Blank = No Connection
V = Voltage C ontrol



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com