Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MODZ Datasheet(PDF) 2 Page - MMD Components

Part # MODZ
Description  MODZ Series 2??Square, 5 Pin OCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MODZ Datasheet(HTML) 2 Page - MMD Components

  MODZ Datasheet HTML 1Page - MMD Components MODZ Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
07/26/11 E
Revisions only with customer approval
Pg 2 of 2
Revision:
Frequency
MOD
2" SQUARE, 5 PIN
Please Consult with MMD Sales Department for any other Parameters or Options
Output
Z = Sinewave
Frequency
Stability
001 = ±1PPB
005 = ±5PPB
010 = ±10PPB
050 = ±50PPB
Operating
Temperature
A = 0°C to + 50°C
C = -20°C to +70°C
D = -30°C to +70°C
E = -30°C to +80°C
F = -40°C to +85°C
Crystal Cut
S = SC Cut
Supply Voltage
12 = +12 VDC
B = -10°C to + 60°C
Part Number Guide
Mechanical Details
Ø1.57 [Ø0.062] 5 PLACES
Pin Connections
Pin 1
VC
Pin 2
+12VDC
Pin 3
Output
Pin 4
Ground
Pin 5
Supply Voltage
MXXXXX
SWWYYL
XXXXX
1
2
3
4
5
DIMENSION IN BRACKETS ARE IN INCHES
50.80 [2.000]
50.00 [1.969]
25.40 [1.000]
34.54 [1.360]
17.27 [0.680]
PIN 1 INDICATOR LOCATED IN THIS AREA
6.25 [0.246]
FREQUENCY
ADJUSTER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com