Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOGH Datasheet(PDF) 1 Page - MMD Components

Part # MOGH
Description  MOGH & MOGZ Series 1?쓝 .87??SMD OCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MOGH Datasheet(HTML) 1 Page - MMD Components

  MOGH Datasheet HTML 1Page - MMD Components MOGH Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
03/18/11 B
Revisions only with customer approval
Pg 1 of 2
Revision:
Frequency Range
5.0MHz to 250.0MHz
Frequency Stability vs Operating Temperature
(See Part Number Guide for Options)
Frequency Stability vs Supply Voltage
±1ppb
Frequency Stability vs Aging
0.5 ppb/Day
0.1 ppm/Year
Operating Temperature
(See Part Number Guide for Options)
All stabilities not available over wider temperature ranges, please consult MMD for availability.
Storage Temperature
-55°C to 90°C
Output
Sinewave
+3dBm 50Ω min
HCMOS
10K Ohm 15pF
Supply Voltage
3.3V
5.0V
12.0V
Warm-up Time
2 min to 0.1ppm accuracy
Control Voltage
Vcc=5 or 12V
Vcc = 3.3V
0 to 4.3V
0 to 2.8V
Slope
Positive
Pull Range
±0.5ppm min, ±1ppm typ
Phase Noise @ 10MHZ
Frequency Output
10 Hz Offset
-125dBc
100 Hz Offset
-143dBc
1 KHz Offset
-150dBc
10KHz Offset
-158dBc
100KHz Offset
-160dBc
Voltage Reference Output
Vcc = 5 or 12V
Vcc = 3.3V
4.3V
2.8V
Turn On
≤3.2W
Steady State
≤1.0W
M
MO
OG
GH
H &
& M
MO
OG
GZ
Z S
Se
erriie
ess 1
1””x
x ..8
87
7”” S
SM
MD
D O
OC
CX
XO
O
 Ultra High Stability
 SC Crystal
 Surface Mount
Environmental
Marking Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Numerical Digit Date Code
(Year / Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Pin 1 Designator


Similar Part No. - MOGH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MOGH3 MMD-MOGH3 Datasheet
142Kb / 2P
Ultra High Stability
More results

Similar Description - MOGH

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM10 AXTAL-AXIOM10 Datasheet
54Kb / 2P
OCXO in SMD package
2005-07-15
logo
Minmax Technology Co., ...
MKW2600 MINMAX-MKW2600_13 Datasheet
3Mb / 4P
DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
MKW3000 MINMAX-MKW3000_12 Datasheet
938Kb / 5P
DC/DC CONVERTER 20W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW1000 MINMAX-MKW1000_12 Datasheet
287Kb / 4P
DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW2500 MINMAX-MKW2500_11 Datasheet
316Kb / 5P
DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
MKW5000 MINMAX-MKW5000_12 Datasheet
357Kb / 5P
DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
logo
AiT Semiconductor Inc.
KXMA AITSEMI-KXMA Datasheet
242Kb / 1P
SMD OCXO
KXMB AITSEMI-KXMB Datasheet
249Kb / 1P
SMD OCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TP0019A TAI-SAW-TP0019A Datasheet
315Kb / 6P
OCXO SMD 25.4mmx22mm 10MHz
REV. NO.: 1.0
TP0026A TAI-SAW-TP0026A Datasheet
277Kb / 4P
OCXO SMD 14.1mmx9.1mm 20MHz
REV. NO.: 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com