Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQBC Datasheet(PDF) 2 Page - MMD Components

Part # MQBC
Description  MQBC & MQBT Series 8 Pin DIP Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MQBC Datasheet(HTML) 2 Page - MMD Components

  MQBC Datasheet HTML 1Page - MMD Components MQBC Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
05/26/11 C
Subject to change without notice
Pg 2 of 2
Revision:
Part Number Guide
Mechanical Details
C = CMOS
T = TTL
Output
020 = ±20 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Frequency
Stability
Supply Voltage
5 = +5 VDC
3 = +3.3 VDC
Blank = No Added Options
G1 = Gull-Wing (option 1)
G = Gull-Wing (option 2)
CLXXX = Cut Leads
XXX = Lead Length Code
Value Added Options
Pin 1 Connection
H = Tri-state
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Operating Temperature
FREQUENCY
PLEASE CONSULT WITH MMD SALES DEPARTMENT FOR ANY OTHER PARAMETERS OR OPTIONS
H
MQB
Half-size (8 pin DIP)
12.90 [.508]
MAX
12.90 [.508]
MAX
5.08 [.200]
MAX
5.33 [.210]
.90 [.035]
MAX
7.62 [.300]
7.62 [.300]
8
1
5
4
PIN 1 INDICATOR
PIN 4 CASE GROUND
OUTPUT
SUPPLY VOLTAGE
PIN 8
PIN 5
PIN CONNECTIONS
PIN 1 TRI-STATE
DIMENSIONS IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
MXX.XXX
SYYWWL
XXXXX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com