Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQSC Datasheet(PDF) 2 Page - MMD Components

Part # MQSC
Description  MQSC & MQST Series Ceramic SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MQSC Datasheet(HTML) 2 Page - MMD Components

  MQSC_12 Datasheet HTML 1Page - MMD Components MQSC_12 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
05/31/11 B
Subject to change without notice
Pg 2of 2
Revision:
Part Number Guide
Mechanical Details
Tape & Reel Dimensions
3.40 [.134]
MAX
2.70 [.106]
MAX
1.20 [.047]
MAX
2
34
1
External Bypass Capacitor is Recom mended
Dimension in Brackets are in Inches
Recomm ended
Land Pattern
PIN 2
GROUND
OUTPUT
SUPPLY VOLTAGE
PIN 4
PIN 3
PIN CONNECTIONS
PIN 1
TRI-STATE OR
1.00 [.039]
1.20 [.047]
0.90 [.035]
0.65 [.026]
2.40 [.094]
1.90 [.075]
1.40 [.055]
1.20 [.047]
STAND-BY
MXX.X
SYYWWL
2.5 x 3.2 Ceramic SMD
PLEASE CONSULT WITH MMD SALES DEPARTMENT FOR ANY OTHER PARAMETERS OR OPTIONS
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
5 = +5.0 VDC
3 = +3.3 VDC
Supply Voltage
Output
C = CMOS
T = TTL
020 = ±20 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Frequency
Stability
Pin 1 Connection
H = Tri-state
S = Stand-by
Operating Temperature
MQS
FREQUENCY
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters [inch].
3. Tolerances are ±0.1 [.004] mm unless otherwise specified.
4. Do not scale drawing.
DIRECTION OF FEED
Q3 Q4
Q3 Q4
Q1 Q2
Q1 Q2
Q1
PIN 1 ORIENT.
TAPE WIDTH
REEL DIA
COUNT
PITCH
180 [7.0]
1000
8.00 [.315]
4.00 [.157]
PITCH
16.00
REEL DIA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com