Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQTC Datasheet(PDF) 1 Page - MMD Components

Part # MQTC
Description  MQTC & MQTT Series Ceramic SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MQTC Datasheet(HTML) 1 Page - MMD Components

  MQTC_12 Datasheet HTML 1Page - MMD Components MQTC_12 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
08/19/11 I
Subject to change without notice
Pg 1of 2
Revision:
M
MQ
QT
TC
C &
& M
MQ
QT
TT
T S
Se
erriie
ess C
Ce
erra
am
miicc S
SM
MD
D O
Osscciilllla
atto
orr
 Same day Shipping Available
 3.2 X 5mm SMD Package
 RoHS Compliant
 Tape & Reel package Available
Marking Detail
Mechanical & Environmental Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Frequency Range
1.000MHZ to 125.000MHZ
Frequency Stability (Inclusive of Temperature, Load and Voltage)
See Part Number Guide
Aging @ +25°C
±5 ppm per year max
Operating Temperature Range
See Part Number Guide
Storage Temperature Range
-55°C to +125°C
Supply Voltage (Vdd)
+2.5 VDC ±10%
+3.3 VDC ±10%
+5.0 VDC ±10%
Supply Current
1.000MHZ to 40.000MHZ
14mA max
15mA max
25mA max
40.100MHZ to 70.000MHZ
20mA max
22mA max
40mA max
70.100MHZ and above
30mA max
30mA max
50mA max
Load
15pF
30pF
10 TTL or 50pF
Output Waveform (Option)
TTL
CMOS
Logic “0”
0.4V max
10% Vdd max
Logic “1”
2.4 V min
90% Vdd min
Rise/Fall Time (20% to 80% Levels)
5nSec max
7nSec max
Start Up Time
10mSec max
Duty Cycle
1.000MHZ to 70.000MHZ
45%/55% (TTL @ 1.4V Level / CMOS @ 50% Waveform)
70.100MHZ and above
40%/60% (TTL @ 1.4V Level / CMOS @ 50% Waveform)
Jitter (Peak to Peak)
25pS max
5nSec max
Tristate
VOH = 70% of Vdd min or No Connection to Enable Output
VOL = 30% of Vdd max or grounded to Disable Output (High Impendence)
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Digit Date Code (Year /
Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1


Similar Part No. - MQTC_12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MQT200F ETC1-MQT200F Datasheet
309Kb / 5P
Charge-to-Time Converter
More results

Similar Description - MQTC_12

ManufacturerPart #DatasheetDescription
logo
MMD Components
MIH MMD-MIH_13 Datasheet
126Kb / 2P
MIH Series 5X7 Ceramic SMD Oscillator
MIHK MMD-MIHK_12 Datasheet
102Kb / 2P
MIHK Series 5X7 Ceramic SMD Oscillator
MJHK MMD-MJHK_12 Datasheet
113Kb / 2P
MJHK Series 3.2X5 Ceramic SMD Oscillator
MQQI MMD-MQQI_12 Datasheet
245Kb / 5P
MQQI Series 5X7 Ceramic SMD Oscillator
MQSC MMD-MQSC_12 Datasheet
116Kb / 2P
MQSC & MQST Series Ceramic SMD Oscillator
MUL MMD-MUL_12 Datasheet
154Kb / 2P
MUL Series 5X3.2 Ceramic SMD Oscillator
MUV MMD-MUV_12 Datasheet
153Kb / 2P
MUV Series 5X3.2 Ceramic SMD Oscillator
MJHK2 MMD-MJHK2 Datasheet
117Kb / 2P
Ceramic SMD Oscillator
MTH1 MMD-MTH1 Datasheet
107Kb / 2P
Ceramic SMD Oscillator
MUL3 MMD-MUL3 Datasheet
159Kb / 2P
Ceramic SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com