Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSS Datasheet(PDF) 1 Page - MMD Components

Part # MTSS
Description  MTSS Series ??3.2 X 2.5 Ceramic SMD VCTCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTSS Datasheet(HTML) 1 Page - MMD Components

  MTSS_13 Datasheet HTML 1Page - MMD Components MTSS_13 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD MONITOR/QUARTZEK – An ILSI Company,
5458 Louie Lane, Reno, NV 89511
Phone: (775) 851-8880, www.mmdcomp.com 
Revision:
07/31/13 K
Revisions only with customer approval
Pg 1 of 2
M
MT
TS
SS
S S
Se
erriie
ess
3
3..2
2 X
X 2
2..5
5 C
Ce
erra
am
miicc S
SM
MD
D V
VC
CT
TC
CX
XO
O
 Low Profile SMD Device
 Hermetically Sealed
 Tight Stability Over Temperature
 Excellent Phase Noise
Environmental & Mechanical Detail
Marking Detail
Frequency Range
14.400MHZ TO 32.768MHZ
Frequency Stability vs Temperature*
(See Frequency Stability vs Temperature Table)
Operating Temperature Range
(See Frequency Stability vs Temperature Table)
Storage Temperature Range
-40°C to +85°C
Aging
±1.0 per year
Supply Voltage
2.50VDC to +2.80VDC
+3.00VDC to 3.30VDC
Supply Current
2mA max
Output Type
Clipped Sinewave
Output Level
0.8 Vp-p min
Output Load
10k Ohms//10pF
Control Voltage
Vc = +1.40VDC
+0.40VDC to +2.40VDC
Vc = +1.5VDC
+0.50VDC to +2.50VDC
Frequency Tunning Range
±8 ppm to ±15 ppm
100Hz
-115dBc/Hz
1kHz
-135dBc/Hz
10kHz
-145dBc/Hz
* Inclusive of Temperature., Load and Voltage
Phase Noise
Shock
MIL-STD-883, Method 2002, Condition B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-883, Method 215
Vibration
MIL-STD-883, Method 2007, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Fine Leak Test
MIL-STD-883, Method 1014, Condition A-2
First Line = MXX.X (not to exceed 5 characters)
M
= MMD
XX.X
=
Device Frequency
(four digits including decimal
point)
Second Line = SYWW (not to exceed 5 characters)
S
= Internal Code
YYWW
= Date Code (Year/Week)


Similar Part No. - MTSS_13

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTSS210A MMD-MTSS210A Datasheet
360Kb / 2P
3.2 X 2.5 Ceramic SMD VCTCXO
MTSS210AV MMD-MTSS210AV Datasheet
360Kb / 2P
3.2 X 2.5 Ceramic SMD VCTCXO
MTSS210C MMD-MTSS210C Datasheet
360Kb / 2P
3.2 X 2.5 Ceramic SMD VCTCXO
MTSS210CV MMD-MTSS210CV Datasheet
360Kb / 2P
3.2 X 2.5 Ceramic SMD VCTCXO
MTSS210D MMD-MTSS210D Datasheet
360Kb / 2P
3.2 X 2.5 Ceramic SMD VCTCXO
More results

Similar Description - MTSS_13

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
435-12.0M-3DC-TTS OSCILENT-435-12.0M-3DC-TTS Datasheet
169Kb / 2P
3.2 x 2.5 SMD Ceramic HCMOS Output
logo
MMD Components
MTTAS MMD-MTTAS Datasheet
347Kb / 2P
5 x 3.2 Ceramic SMD VCTCXO
MTTBS MMD-MTTBS Datasheet
411Kb / 2P
5 x 3.2 Ceramic SMD VCTCXO
MTSS MMD-MTSS Datasheet
360Kb / 2P
3.2 X 2.5 Ceramic SMD VCTCXO
MSH MMD-MSH Datasheet
57Kb / 1P
3.2 X 2.5 Ceramic SMD Oscillator
MSH MMD-MSH_13 Datasheet
104Kb / 2P
MSH Series 3.2 x 2.5 Ceramic SMD Oscillator
MTTAS MMD-MTTAS_12 Datasheet
209Kb / 2P
MTTAS Series ??5 X 3.2 Ceramic SMD VCTCXO
MTVSS MMD-MTVSS_12 Datasheet
122Kb / 2P
MTVSS Series ??3.2 X 2.5 Ceramic SMD VCTCXO
logo
Transko Electronics, In...
TX-I TRANSKO-TX-I Datasheet
181Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 4: 05-13-19
TX-M TRANSKO-TX-M Datasheet
468Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 1: Jul. 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com