Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTTAS Datasheet(PDF) 2 Page - MMD Components

Part # MTTAS
Description  MTTAS Series ??5 X 3.2 Ceramic SMD VCTCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTTAS Datasheet(HTML) 2 Page - MMD Components

  MTTAS Datasheet HTML 1Page - MMD Components MTTAS Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
03/18/11 H
Revisions only with customer approval
Pg 2 of 2
Frequency
MTTA
5 x 3.2 Ceramic SMD
Please Consult with MMD Sales Department for any other Parameters or Options
S
Output
S = Clipped Sinewave
Frequency
Stability
15 = ±1.5 ppm
20 = ±2.0 ppm
25 = ±2.5 ppm
30 = ±3.0 ppm
50 = ±5.0 ppm
Operating
Temperature
A = 0°C to + 50°C
C = -20°C to +70°C
D = -30°C to +70°C
E = -30°C to +80°C
F = -40°C to +85°C
G = 0°C to +70°C
Pin 1 Connection
V = Voltage Control
Packaging
Blank = Bulk
T = Tape and Reel
Supply Voltage
2 = +2.5 VDC
3 = +3.3 VDC
10 = ±1.0 ppm
Part Number Guide
Mechanical Details
Tape & Reel Dimensions
Frequency Stability vs Temperature Table
Code
Stability
10
15
20
25
30
50
Temp
±1.0ppm
±1.5ppm
±2.0ppm
±2.5ppm
±3.0ppm
±5.0ppm
A
0°C TO +50°C
●
●
●
●
●
●
G
0°C TO +70°C
●
●
●
●
●
C
-20°C TO +70°C
●
●
●
●
D
-30°C TO +70°C
●
●
●
●
E
-30°C TO +80°C
●
●
●
●
F
-40°C TO +85°C
●
●
●
● = Available
= Consult with MMD
OUTPUT
PIN 3
LAND PATTERN
SUGGESTED
EXTERNAL BYPASS CAPACITOR RECOMMEND
DIMENSIONS IN BRACKETS ARE IN INCHES
SUPPLY VOLTAGE
PIN 4
VOLTAGE CONTROL
CASE GROUND
PIN 2
PIN 1
PIN CONNECTIONS
5.20 [.205]
MAX
3.40 [.134]
MAX
1.70 [.067]
MAX
1.60 [.063]
0.70 [.028]
1.27 [.050]
0.60 [.024]
THESE 4 PADS ARE NOT TO BE
CONNECTED TO ANY EXTERNAL SOURCES.
21
34
2.90 [.114]
0.95 [.037]
MXXXXX
SYYWWL
XXXXX
PITCH
REEL DIA
TAPE WIDTH
DIRECTION OF FEED
Q1 Q2
Q3 Q4
Q1 Q2
Q4
Q3
PITCH
8.00 [.315]
TAPE WIDTH
12.00 [.472]
330[13 IN]
REEL DIA
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters.
3. Tolerances are ±0.10 [.004] mm unless otherwise specified.
4. Do not scale drawing.
1000
QTY PER REEL
PIN 1 ORIENT.
Q1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com