Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTWS Datasheet(PDF) 1 Page - MMD Components

Part # MTWS
Description  MTWS Series ??Femtocell Stratum III TCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTWS Datasheet(HTML) 1 Page - MMD Components

  MTWS Datasheet HTML 1Page - MMD Components MTWS Datasheet HTML 2Page - MMD Components MTWS Datasheet HTML 3Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MTWS Series – Femtocell Stratum III TCXO
 Clipped Sinewave Output
 Selected Stratum III Frequencies Available
 Low Phase Noise
 Tape and Reel Available
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Free
Compliant
RoHS
Pb
Specifications subject to change without notice
Page 1 of 3
Revision: MTWS061912B
ELECTRICAL SPECIFICATION:
Frequency Range
See Standard Frequencies Table
Other Frequencies Available on Request
Supply Voltage (Vcc)
+3.3 Vdc
+5.0 Vdc
Current
6.0mA max
Frequency Stability
Initial Stability at +25°C
±1.50ppm (after reflow)
Stability vs. Temperature
±0.10ppm (-10°C to +70°C)
±0.28ppm (-40°C to +85°C)
Stability vs. Supply Voltage
±0.20ppm for 5% change in Supply Voltage
Stability vs. Load
±0.10ppm for 10% change in Load
Holdover
After 24 hours at +25°C
±40ppb
After 24 hours from -40°C to +85°C
±370ppb
Long Term Tolerance and Aging
±4.60ppm for all and 20 years aging at +40°C
Output
Clipped Sinewave
Amplitude
0.80 Vp-p min
Load
10K//10pF
Operating Temperature Range
See Part Number Guide
Storage Temperature Range
-40°C to +85°C
Voltage Control Option (Pin 10)
Control Voltage Range
+1.65 VDC ±1.65 VDC
Frequency Adjustment Range
±5.0 ppm min / ±15.0 ppm
Slope
Positive
Input Impedance
100 kΩ
Tri-State Function (Pin 8)
Voh = 70% of Vdd min or No Connection to Enable Output
Vol = 30% of Vdd max or grounded to Disable Output (High Impedance)
Phase Noise
(Phase Noise is typical data for 19.200MHZ only, does
not guarantee at other frequencies.)
-95dBc/Hz max
10Hz
-125dBc/Hz max
100Hz
-130dBc/Hz max
1kHz
-140dBc/Hz max
10kHz
-145dBc/Hz max
100kHz
Note: This unit is not hermitically sealed.
PART NUMBER GUIDE:


Similar Part No. - MTWS

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTWS1 MMD-MTWS1 Datasheet
144Kb / 3P
MTWS Series ??Femtocell Stratum III TCXO
MTWS1 MMD-MTWS1_12 Datasheet
144Kb / 3P
MTWS Series ??Femtocell Stratum III TCXO
MTWS33 MMD-MTWS33 Datasheet
144Kb / 3P
Clipped Sinewave Output
More results

Similar Description - MTWS

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE10S AXTAL-AXLE10S Datasheet
55Kb / 2P
TCXO with Stratum III stability incl. holdover
2005-05-22
AXLE30S AXTAL-AXLE30S Datasheet
55Kb / 2P
TCXO with Stratum III stability incl. holdover
2005-05-22
logo
Fox Electronics
FOX331 FOX-FOX331 Datasheet
238Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
logo
MMD Components
MTWC MMD-MTWC_12 Datasheet
147Kb / 3P
MTWC Series ??Femtocell Stratum III TCXO
MTWC1 MMD-MTWC1_12 Datasheet
147Kb / 3P
MTWC Series ??Femtocell Stratum III TCXO
MTWS1 MMD-MTWS1_12 Datasheet
144Kb / 3P
MTWS Series ??Femtocell Stratum III TCXO
logo
Fox Electronics
FOX321ER FOX-FOX321ER Datasheet
38Kb / 1P
3.3V 5032 SMD Stratum III HCMOS TCXO
FOX331AR FOX-FOX331AR Datasheet
359Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
logo
QUARTZCOM the communica...
TX7-503C-SQ-ST3 QUARTZCOM-TX7-503C-SQ-ST3 Datasheet
100Kb / 1P
High precision analogue compensated STRATUM III SMD TCXO
logo
Abracon Corporation
ABDFTCXO ABRACON-ABDFTCXO Datasheet
2Mb / 8P
DUAL OUTPUT STRATUM-III SMD TCXO & VCTCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com