Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVBH Datasheet(PDF) 1 Page - MMD Components

Part # MVBH
Description  MVBH Series ??8 Pin DIP HCMOS VCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MVBH Datasheet(HTML) 1 Page - MMD Components

  MVBH Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision MVBH040808C
MVBH Series – 8 Pin DIP HCMOS VCXO
Industry Standard Package
+2.5VDC, +3.3VDC, or +5.0VDC Supply Voltage
HCMOS Output
RoHS Compliant Available
ELECTRICAL SPECIFICATIONS:
Supply Voltage (Vdd)
+2.5VDC ±10%
+3.3DC ±10%
+5.0VDC ±10%
Frequency Range
1.000MHZ TO 220.000MHZ
Frequency Stability (Inclusive of Temp., Load,
Voltage and Aging)
(See Part Number Guide for Options)
Operating Temp.Range
(See Part Number Guide for Options)
Storage Temp. Range
-55°C to +125°C
Supply Current
60mA max
60mA max
85mA max
Load
15pF
30pF
30pF
Output
HCMOS
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
Symmetry (50% of waveform)
40%/60%
Rise / Fall Time (10% to 90%)
10nSec max
Start Time
10mSec max
Control Voltage
1.25 VDC ±1.00 VDC
1.65 VDC ±1.50 VDC
2.50 VDC ±2.00 VDC
Linearity
(See Part Number Guide for Options)
Pullability
(See Part Number Guide for Options)
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS:
MARKING DETAIL:
Shock
MIL-STD-883, Meth 2002, Cond B
Solderability
MIL-STD-883, Meth 2003
Vibration
MIL-STD-883, Meth 2007, Cond A
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
M
D-883, Meth 1014, Cond A
IL-ST
Line 1 = MXXXXX
M
=
MMD COMPONENTS
XXXXX
=
Frequency in MHZ
Line 2 = SYYMML
S
=
Internal Code
YYMM
=
4 Digit Date Code (Year / Month)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
MECHANICAL DIMENSIONS:
12.90 [.508]
MAX
12.90 [.508]
MAX
5.33 [.210]
.90 [.035]
MAX
7.62 [.300]
7.62 [.300]
8
1
5
4
DONOTES PIN 1
MXXXXX
SYYMML
XXXXX
PIN 5 OUTPUT
SUPPLY VOLTAGE
PIN 8
PIN CONNECTIONS
CONTROL VOLTAGE
PIN 1
CASE GROUND
PIN 4
DIMENSIONS IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
5.50 [.217]
MAX
PART NUMBERING GUIDE:
Output
H = HCMOS
Frequency
Stability
010 = ±10 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Supply Voltage
2 = +2.5 VDC
3 = +3.3 VDC
5 = +5.0 VDC
Operating
Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Linearity
Blank = ±20% max
X = ±5% max
Z = ±15% max
Y = ±10% max
Frequency
H
Please Consult with MMD Sales Deparment for any other Parameters or Options
RoHS Compliant
Blank = Not Compliant
F = is Compliant
Symmetry
Blank = 40%/60%
A = 45%/55%
Pullability
A = ±200 ppm min
C = ±100 ppm min
D = ±50 ppm min
P = ±25 ppm min
MVB
8 Pin DIP VCXO
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MVBH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MVBH MMD-MVBH Datasheet
84Kb / 1P
8 Pin DIP HCMOS VCXO
MVBH201027A MMD-MVBH201027A Datasheet
84Kb / 1P
8 Pin DIP HCMOS VCXO
MVBH201027AA MMD-MVBH201027AA Datasheet
84Kb / 1P
8 Pin DIP HCMOS VCXO
MVBH201027AAX MMD-MVBH201027AAX Datasheet
84Kb / 1P
8 Pin DIP HCMOS VCXO
MVBH201027AC MMD-MVBH201027AC Datasheet
84Kb / 1P
8 Pin DIP HCMOS VCXO
More results

Similar Description - MVBH

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MVH MTRONPTI-MVH Datasheet
256Kb / 1P
8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
logo
Connor-Winfield Corpora...
S51R CONNOR-WINFIELD-S51R Datasheet
59Kb / 1P
8 PIN DIP HCMOS
H42 CONNOR-WINFIELD-H42 Datasheet
52Kb / 1P
8 PIN DIP HCMOS
H61 CONNOR-WINFIELD-H61 Datasheet
56Kb / 1P
8 PIN DIP HCMOS
H73 CONNOR-WINFIELD-H73 Datasheet
32Kb / 1P
8 PIN DIP HCMOS
S51 CONNOR-WINFIELD-S51 Datasheet
55Kb / 1P
8 PIN DIP HCMOS
V61-200 CONNOR-WINFIELD-V61-200 Datasheet
72Kb / 1P
8 PIN DIP VCXO
logo
MTRONPTI
MVH MTRONPTI-MVH_07 Datasheet
303Kb / 1P
8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
logo
MMD Components
MVAH MMD-MVAH Datasheet
94Kb / 1P
14 Pin DIP HCMOS VCXO
MVBH MMD-MVBH Datasheet
84Kb / 1P
8 Pin DIP HCMOS VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com