Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1370CR Datasheet(PDF) 13 Page - Linear Technology

Part # LT1370CR
Description  500kHz High Efficiency 6A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1370CR Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1370CR Datasheet HTML 8Page - Linear Technology LT1370CR Datasheet HTML 9Page - Linear Technology LT1370CR Datasheet HTML 10Page - Linear Technology LT1370CR Datasheet HTML 11Page - Linear Technology LT1370CR Datasheet HTML 12Page - Linear Technology LT1370CR Datasheet HTML 13Page - Linear Technology LT1370CR Datasheet HTML 14Page - Linear Technology LT1370CR Datasheet HTML 15Page - Linear Technology LT1370CR Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1370
sn1370 1370fs
TYPICAL APPLICATIONS N
Two Li-Ion Cells to 5V SEPIC Converter**
LT1370
VIN
GND
VIN
4V TO 9V
VC
FB
LT1370 • TA05
VSW
S/S
C1
33µF
20V
C4
0.047µF
C5
0.0047µF
R1
2k
R3
6.19k
1%
R2
18.7k
1%
VOUT
†
5V
C3
100µF
10V
× 2
ON
OFF
L1A*
6.8µH
•
•
L1B*
6.8µH
C2
4.7µF
C1 = AVX TPSD 336M020R0200
C2 = TOKIN 1E475ZY5U-C304
C3 = AVX TPSD107M010R0100
BH ELECTRONICS 501-0726
INPUT VOLTAGE MAY BE GREATER OR
LESS THAN OUTPUT VOLTAGE
D1
MBRD835L
VIN
4V
5V
7V
9V
IOUT
2A
2.2A
2.6A
2.8A
†MAX I
OUT
*
**
+
+
Single Li-Ion Cell to 5V
LT1370
VIN
VC
GND
FB
LT1370 • TA06
VSW
S/S
L1*
C1**
100µF
10V
SINGLE
Li-Ion
CELL
C4**
100µF
10V
× 2
C2
0.047µF
C3
0.0047µF
R3
2k
R2
6.19k
1%
R1
18.7k
1%
VOUT
†
5V
D1
MBRD835L
ON
OFF
*
**
COILCRAFT DO3316P-472
AVX TPSD107M010R0100
+
+
+
VIN
2.7V
3.3V
3.6V
IOUT
2.5A
3A
3.3A
†MAX I
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com