Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8024 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TDA8024
Description  Three specifically protected half-duplex bidirectional buffered I/O lines to card contacts C4, C7 and C8
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TDA8024 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TDA8024 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 8Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
2004 July 12
3
Philips Semiconductors
Product specification
IC card interface
TDA8024
1
FEATURES
• IC card interface
• 3 or 5 V supply for the IC (VDD and GND)
• Three specifically protected half-duplex bidirectional
buffered I/O lines to card contacts C4, C7 and C8
• DC/DC converter for VCC generation separately
powered from a 5 V
± 20% supply (VDDP and PGND)
• 3or5V ± 5% regulated card supply voltage (VCC) with
appropriate decoupling has the following capabilities:
–ICC < 80 mA at VDDP = 4 to 6.5 V
– Handles current spikes of 40 nAs up to 20 MHz
– Controls rise and fall times
– Filtered overload detection at approximately 120 mA
• Thermal and short-circuit protection on all card contacts
• Automatic activation and deactivation sequences;
initiated by software or by hardware in the event of a
short-circuit, card take-off, overheating, VDD or VDDP
drop-out
• Enhanced ESD protection on card side (>6 kV)
• 26 MHz integrated crystal oscillator
• Clock generation for cards up to 20 MHz (divided by
1, 2, 4 or 8 through CLKDIV1 and CLKDIV2 signals)
with synchronous frequency changes
• Non-inverted control of RST via pin RSTIN
• ISO 7816, GSM11.11 and EMV (payment systems)
compatibility
• Supply supervisor for spike-killing during power-on and
power-off and Power-on reset (threshold fixed internally
or externally by a resistor bridge); not for TDA8024AT
• Built-in debounce on card presence contacts
• One multiplexed status signal OFF.
2
APPLICATIONS
• IC card readers for banking
• Electronic payment
• Identification
• Pay TV.
3
GENERAL DESCRIPTION
The TDA8024 is a complete and cost-efficient analog
interface for asynchronous 3 or 5 V smart cards. It can be
placed between the card and the microcontroller to
perform all supply, protection and control functions. Very
few external components are required. The TDA8024AT is
a direct replacement for the TDA8004AT.
More information can be obtained from the Philips Internet
site (http://www.semiconductors.philips.com) and from
“Application note AN10141”.
4
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8024T
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1
TDA8024AT
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1
TDA8024TT
TSSOP28
plastic thin shrink small outline package; 28 leads; body width 4.4 mm
SOT361-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com