Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP69 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BCP69
Description  20 V, 2 A PNP medium power transistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP69 Datasheet(HTML) 1 Page - NXP Semiconductors

  BCP69 Datasheet HTML 1Page - NXP Semiconductors BCP69 Datasheet HTML 2Page - NXP Semiconductors BCP69 Datasheet HTML 3Page - NXP Semiconductors BCP69 Datasheet HTML 4Page - NXP Semiconductors BCP69 Datasheet HTML 5Page - NXP Semiconductors BCP69 Datasheet HTML 6Page - NXP Semiconductors BCP69 Datasheet HTML 7Page - NXP Semiconductors BCP69 Datasheet HTML 8Page - NXP Semiconductors BCP69 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
Product profile
1.1 General description
PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
[1]
Valid for all available selection groups.
1.2 Features and benefits
High current
Three current gain selections
High power dissipation capability
Exposed heatsink for excellent thermal and electrical conductivity (SOT89, SOT1061)
Leadless very small SMD plastic package with medium power capability (SOT1061)
AEC-Q101 qualified
1.3 Applications
1.4 Quick reference data
BCP69; BC869; BC69PA
20 V, 2 A PNP medium power transistors
Rev. 7 — 12 October 2011
Product data sheet
Table 1.
Product overview
Type number[1]
Package
NPN complement
NXP
JEITA
JEDEC
BCP69
SOT223
SC-73
-
BCP68
BC869
SOT89
SC-62
TO-243
BC868
BC69PA
SOT1061
-
-
BC68PA
Linear voltage regulators
Power management
High-side switches
MOSFET drivers
Battery-driven devices
Amplifiers
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
20
V
IC
collector current
-
-
2A
ICM
peak collector current
single pulse; tp  1ms
-
-
3A


Similar Part No. - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69 Datasheet
45Kb / 8P
PNP medium power transistor
1999 Apr 08
logo
Zetex Semiconductors
BCP69 ZETEX-BCP69 Datasheet
43Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
PNP Silicon AF Transistor (For general AF application High collector current High current gain)
logo
Infineon Technologies A...
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
PNP Silicon AF Transistor
Nov-29-2001
logo
Weitron Technology
BCP69 WEITRON-BCP69 Datasheet
208Kb / 4P
PNP Silicon Epitaxial Transistor
More results

Similar Description - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69_15 Datasheet
266Kb / 24P
20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
BCP68 PHILIPS-BCP68_15 Datasheet
1Mb / 23P
20 V, 2 A NPN medium power transistors
Rev. 8-18 October 2011
logo
Nexperia B.V. All right...
BC68PAS NEXPERIA-BC68PAS Datasheet
762Kb / 14P
20 V, 2 A NPN medium power transistors
BC69PAS NEXPERIA-BC69PAS Datasheet
1,022Kb / 16P
20 V, 2 A PNP medium power transistors
BC68PA-Q_SER NEXPERIA-BC68PA-Q_SER Datasheet
247Kb / 13P
20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS_SER NEXPERIA-BC68PAS_SER Datasheet
2Mb / 13P
20 V, 2 A NPN medium power transistors
Rev. 1 - 19 June 2015
BC69PAS_SER NEXPERIA-BC69PAS_SER Datasheet
3Mb / 15P
20 V, 2 A PNP medium power transistors
Rev. 1 - 19 June 2015
BC868-Q_SER NEXPERIA-BC868-Q_SER Datasheet
235Kb / 12P
20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BCP68 NEXPERIA-BCP68 Datasheet
2Mb / 23P
20 V, 2 A NPN medium power transistors
Rev. 8 - 18 October 2011
BCP69 NEXPERIA-BCP69 Datasheet
1Mb / 24P
20 V, 2 A PNP medium power transistors
Rev. 7 - 12 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com