Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS4525 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MS4525
Description  PCB Mounted Pressure Transducers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS4525 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MS4525 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MS4525
MS4525
www.meas-spec.com
April 2012
2/13
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Parameter
Conditions
Min
Max
Unit
Notes
Supply Voltage
TA = 25 °C
2.7
5.5
V
Output Current
TA = 25°C
3
mA
Load Resistance (RL)
TA = 25°C
10
k
Ω
Storage Temperature
-40
+125
°C
Humidity
TA = 25°C
95
%RH
Non Condensing
Overpressure
TA = 25 °C, both Ports
Not to Exceed 300
psi
Burst Pressure
TA = 25 °C, Port 1
psi
See Table 1
ESD
HBM
-4
+4
kV
EN 61000-4-2
Solder Temperature
250°C, 5 sec max.
TABLE 1- BURST PRESSURE BY RANGE AND PACKAGE STYLE
Range
DS
TP, SS, MM
Unit
001
20
20
psi
002
20
20
psi
005
15
20
psi
015
45
90
psi
030
90
200
psi
050
150
300
psi
100
300
300
psi
150
300
300
psi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com