Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8574IPW Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8574IPW
Description  QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8574IPW Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8574IPW Datasheet HTML 9Page - Texas Instruments DAC8574IPW Datasheet HTML 10Page - Texas Instruments DAC8574IPW Datasheet HTML 11Page - Texas Instruments DAC8574IPW Datasheet HTML 12Page - Texas Instruments DAC8574IPW Datasheet HTML 13Page - Texas Instruments DAC8574IPW Datasheet HTML 14Page - Texas Instruments DAC8574IPW Datasheet HTML 15Page - Texas Instruments DAC8574IPW Datasheet HTML 16Page - Texas Instruments DAC8574IPW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
www.ti.com
VDD = VREF = 5 V
F
S = 52 ksps, - 1 dB FSR Digital Input
Measurement Bandwidth = 20 kHz
THD
2nd Harmonic
3rd Harmonic
0
- 10
- 20
- 30
- 40
- 50
- 60
- 70
- 80
- 90
- 100
0
500
1k
1.5k
2k
2.5k
3k
3.5k
4k
f - Output Frequency - Hz
VDD = VREF = 2.7 V
F
S = 52 ksps, - 1 dB FSR Digital Input
Measurement Bandwidth = 20 kHz
THD
2nd Harmonic
3rd Harmonic
0
- 10
- 20
- 30
- 40
- 50
- 60
- 70
- 80
- 90
-100
0
500
1k
1.5k
2k
2.5k
3k
3.5k
4k
f - Output Frequency - Hz
Small- Signal Settling Time
5mV/div
Time (2
µs/div)
Trigger Signal
Small- Signal Settling Time
5mV/div
Time (2
µs/div)
Trigger Signal
DAC8574
SLAS377B – JANUARY 2003 – REVISED DECEMBER 2004
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs
vs
OUTPUT FREQUENCY
OUTPUT FREQUENCY
Figure 41.
Figure 42.
FULL-SCALE SETTLING TIME
FULL-SCALE SETTLING TIME
(Small-Signal-Positive Going Step)
(Small-Signal-Negative Going Step)
Figure 43.
Figure 44.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com