Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0048BA02455S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0048BA02455S
Description  48 MHz SAW Filter 8 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0048BA02455S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0048BA02455S Datasheet HTML 1Page - API Technologies Corp SF0048BA02455S Datasheet HTML 2Page - API Technologies Corp SF0048BA02455S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
48 MHz SAW Filter
8 MHz Bandwidth
Part Number: SF0048BA02455S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0048BA02455S Rev A 9-Feb-2010
ECN 36650 Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
1
47.95
48.00
48.05
MHz
Minimum Insertion Loss
-
20.8
26.5
dB
1 dB Bandwidth
2
7.45
8.01
-
MHz
3 dB Bandwidth
2
8.00
8.41
-
35 dB Bandwidth
2
-
10.28
10.50
MHz
Rejection (10 to 40.5 MHz)
2
(40.5 to 42.75 MHz)
2
(53.25 to 55.75 MHz)
2
(55.75 to 72 MHz)
2
38
37
36
38
41
38
37
42
-
-
-
-
dB
dB
dB
dB
Passband Amplitude Ripple
3
-
0.5
0.8
dB p-p
Passband Phase Ripple
3
-
2
5
deg p-p
Passband Group Delay Ripple
3
-
30
50
ns p-p
Absolute Delay
1.4
-
us
Temperature Coefficient of Frequency
-
-74
-
ppm/˚C
Source/Load Impedance
50
ohms
Ambient Temperature
4
-
25
-
˚C
Notes:
1. Defined as the average of the lower and upper 3 dB frequencies.
2. All dB levels are defined relative to the insertion loss.
3. Measured over Fc +/- 3.7 MHz at room ambient temperature.
4. Fc will shift approximately +110 KHz at 0˚C and –200 KHz at 70˚C
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
0
70
˚C
Input Power Level
10
dBm
MATCHING CIRCUIT
Note: Matching components are not required.
10
5
1
6
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended
GND
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com