Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603HP-R39XGLW Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0603HP-R39XGLW
Description  Chip Inductors - 0603HP Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603HP-R39XGLW Datasheet(HTML) 2 Page - Coilcraft lnc.

  0603HP-R39XGLW Datasheet HTML 1Page - Coilcraft lnc. 0603HP-R39XGLW Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
0603HP Series (1608)
Designer’s Kits C406AandBcontain10eachofall5%values
Designer’s Kits C406A-2andB-2contain10eachofall2%values
Document 537-2
Document 537-2 Revised 05/02/12
L test
Q typ
SRF
DCR
Inductance2 Percent
freq
at
900 MHz
1.7 GHz
typ4
max5
Irms6 Color
Part number1
(nH)
tol
(MHz) 250 MHz L typ
Q typ3
L typ
Q typ3
(GHz) (Ohms) (mA)
code
0603HP-1N8XJL_
1.8
5
250
23
1.77
40
1.77
65
16.0
0.033
2100 Black
0603HP-2N2XJL_
2.2
5
250
13
2.14
25
2.12
35
15.0
0.180
900 Yellow
0603HP-3N3X_L_
3.3
5,3,2
250
32
3.28
67
3.32
104
9.60
0.024
1900
Blue
0603HP-3N6X_L_
3.6
5,3,2
250
40
3.59
70
3.62
116
9.70
0.031
1900
Red
0603HP-3N9X_L_
3.9
5,3,2
250
35
3.88
68
3.95
108
7.50
0.039
1600 Brown
0603HP-4N3X_L_
4.3
5,3,2
250
30
4.29
58
4.31
91
7.50
0.080
1300 Orange
0603HP-4N7X_L_
4.7
5,3,2
250
26
4.65
48
4.71
75
7.90
0.100
1100 Violet
0603HP-5N1X_L_
5.1
5,3,2
250
40
5.08
84
5.12
140
8.90
0.036
1700 Green
0603HP-5N6X_L_
5.6
5,3,2
250
48
5.60
87
5.73
145
6.60
0.036
1700 Black
0603HP-6N0X_L_
6.0
5,3,2
250
49
5.92
94
6.12
154
6.00
0.036
1700 White
0603HP-6N8X_L_
6.8
5,3,2
250
42
6.83
88
7.05
143
5.80
0.042
1400
Red
0603HP-7N2X_L_
7.2
5,3,2
250
48
7.25
96
7.38
139
5.40
0.052
1400 Green
0603HP-7N5X_L_
7.5
5,3,2
250
41
7.55
81
7.85
112
5.30
0.080
1300 Brown
0603HP-8N2X_L_
8.2
5,3,2
250
46
8.21
96
8.39
148
5.90
0.054
1400 Orange
0603HP-8N7X_L_
8.7
5,3,2
250
46
8.73
97
9.00
149
5.50
0.054
1400 Yellow
0603HP-9N1X_L_
9.1
5,3,2
250
40
9.18
76
9.64
109
5.10
0.037
1400 Black
0603HP-9N5X_L_
9.5
5,3,2
250
49
9.56
98
9.99
149
4.90
0.053
1400
Blue
0603HP-10NX_L_
10
5,3,2
250
49
10.16
90
10.64
142
4.30
0.048
1400 Orange
0603HP-11NX_L_
11
5,3,2
250
41
11.06
78
11.82
108
4.10
0.042
1400
Gray
0603HP-12NX_L_
12
5,3,2
250
37
12.26
69
13.20
91
4.10
0.088
1100 Yellow
0603HP-15NX_L_
15
5,3,2
250
48
15.41
83
17.20
124
3.60
0.078
1200 Green
0603HP-16NX_L_
16
5,3,2
250
45
16.37
77
18.70
116
3.50
0.085
1100 White
0603HP-18NX_L_
18
5,3,2
250
41
18.56
76
20.90
100
3.30
0.066
1200
Blue
0603HP-22NX_L_
22
5,3,2
250
44
22.7
77
25.90
88
3.15
0.140
850 Violet
0603HP-23NX_L_
23
5,3,2
250
40
24.0
69
29.53
80
3.00
0.150
850 Orange
0603HP-24NX_L_
24
5,3,2
250
42
24.9
77
28.90
91
2.95
0.074
1100 Black
0603HP-27NX_L_
27
5,3,2
250
44
28.4
74
34.00
84
2.80
0.150
780
Gray
0603HP-30NX_L_
30
5,3,2
250
49
31.5
82
37.90
82
2.80
0.130
920 Brown
0603HP-33NX_L_
33
5,3,2
250
45
34.9
76
42.90
80
2.70
0.170
680 White
0603HP-36NX_L_
36
5,3,2
250
44
38.5
69
50.00
64
2.50
0.225
720
Red
0603HP-39NX_L_
39
5,3,2
250
48
41.5
78
51.90
74
2.45
0.19
680 Black
0603HP-43NX_L_
43
5,3,2
250
45
45.7
83
58.10
76
2.45
0.17
810 Orange
0603HP-47NX_L_
47
5,3,2
200
47
50.6
77
66.90
72
2.30
0.24
680 Brown
0603HP-51NX_L_
51
5,3,2
200
49
54.6
73
71.30
62
2.30
0.28
660
Blue
0603HP-56NX_L_
56
5,3,2
200
50
60.3
74
79.90
56
2.20
0.30
610
Red
0603HP-68NX_L_
68
5,3,2
200
46
75.5
73
113.3
49
2.00
0.33
600 Orange
0603HP-72NX_L_
72
5,3,2
150
46
80.8
69
—
—
1.90
0.42
550 Yellow
0603HP-75NX_L_
75
5,3,2
150
46
84.6
71
—
—
1.90
0.52
500 Violet
0603HP-82NX_L_
82
5,3,2
150
45
94.0
62
—
—
1.80
0.46
510 Green
0603HP-91NX_L_
91
5,3,2
150
45
103.0
64
—
—
1.65
0.58
440 White
0603HP-R10X_L_ 100
5,3,2
150
49
114.0
69
—
—
1.70
0.54
470
Blue
0603HP-R11X_L_ 110
5,3,2
150
47
126.2
63
—
—
1.60
0.58
440 Violet
0603HP-R12X_L_ 120
5,3,2
150
47
142.4
61
—
—
1.55
0.72
420
Gray
0603HP-R15X_L_ 150
5,3,2
150
47
188.8
57
—
—
1.35
0.82
390 White
0603HP-R18X_L_ 180
5,3,2
100
48
232.2
50
—
—
1.30
1.50
310 Black
0603HP-R20X_L_ 200
5,3,2
100
47
265.0
47
—
—
1.25
2.00
280 Green
0603HP-R21X_L_ 210
5,3,2
100
48
288.0
45
—
—
1.20
2.00
280
Gray
0603HP-R22X_L_ 220
5,3,2
100
47
315.0
41
—
—
1.10
2.00
280 Brown
0603HP-R25X_L_ 250
5,3,2
100
45
—
—
—
—
1.05
3.00
240 Violet
0603HP-R27X_L_ 270
5,3,2
100
46
—
—
—
—
1.05
2.25
260
Red
0603HP-R30X_L_ 300
5,3,2
100
47
—
—
—
—
0.99
2.80
220 Green
0603HP-R33X_L_ 330
5,3,2
100
46
—
—
—
—
0.93
3.60
180
Blue
0603HP-R36X_L_ 360
5,3,2
100
47
—
—
—
—
0.93
4.00
170
Gray
0603HP-R39X_L_ 390
5,3,2
100
47
—
—
—
—
0.88
4.00
170 Yellow
1. Whenordering,pleasespecify
tolerance,termination andpackagingcodes:
0603HP-R39XJLW
Tolerance:
G =2% H =3% J =5%
(Tableshowsstocktolerancesinbold.)
Termination: L =RoHScompliantsilver-palladium-platinum-glassfrit.
E =Halogenfreecomponent.RoHScompliantsilver-palla-
dium-platinum-glassfritterminations.
Specialorder:
T =RoHStin-silver-copper(95.5/4/0.5)or
S =non-RoHStin-lead(63/37).
Packaging: W = 7
″ machine-readyreel. EIA-481punchedpapertape
(2000partsperfullreel).
U =Lessthanfullreel.Intape,butnotmachineready.To
havealeaderandtraileradded($25charge),usecode
letterWinstead.
2. InductancetestedatlistedfrequencyusinganAgilent/HP4286Aimpedance
analyzerwithaCoilcraftSMD-AfixtureandCoilcraft-providedcorrelation
pieces.
3. QmeasuredusinganAgilent/HP16197testfixtureinanAgilent/HP4291
impedanceanalyzer.
4. SRFmeasuredusinganAgilent/HP8722ESnetworkanalyzerandaCoil-
craftSMD-Dtestfixture.
5. DCRmeasuredonamicro-ohmmeterandaCoilcraftCCF858testfixture.
6. Currentthatcausesa15°Ctemperaturerisefrom25°Cambient.
7. Electricalspecificationsat25°C.
RefertoDoc362“SolderingSurfaceMountComponents”beforesoldering.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com