Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDR31BX102BFURAJ Datasheet(PDF) 11 Page - Vishay Siliconix

Part # CDR31BX102BFURAJ
Description  Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDR31BX102BFURAJ Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button CDR31BX102BFURAJ Datasheet HTML 4Page - Vishay Siliconix CDR31BX102BFURAJ Datasheet HTML 5Page - Vishay Siliconix CDR31BX102BFURAJ Datasheet HTML 6Page - Vishay Siliconix CDR31BX102BFURAJ Datasheet HTML 7Page - Vishay Siliconix CDR31BX102BFURAJ Datasheet HTML 8Page - Vishay Siliconix CDR31BX102BFURAJ Datasheet HTML 9Page - Vishay Siliconix CDR31BX102BFURAJ Datasheet HTML 10Page - Vishay Siliconix CDR31BX102BFURAJ Datasheet HTML 11Page - Vishay Siliconix CDR31BX102BFURAJ Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Document Number: 45026
For technical questions, contact: mlcc@vishay.com
www.vishay.com
Revision: 30-May-11
175
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CDR-MIL-PRF-55681
Surface Mount Multilayer Ceramic Chip Capacitors
MIL Qualified, Type CDR
Vishay Vitramon
Notes
(1) Vishay Vitramon uses embossed plastic carrier tape and punched paper carrier tape
(2) Paper tape is not available for case sizes > 1206 or for component thickness > 0.035" (0.89 mm)
(3) DC voltage rating should not be exceeded in application
CDR35BX
CDR35BX563B_ _ _
563
56 000
K, M
BX
100
CDR35BX683B_ _ _
683
68 000
K, M
BX
100
CDR35BX823B_ _ _
823
82 000
K, M
BX
100
CDR35BX104B_ _ _
104
100 000
K, M
BX
100
CDR35BX124B_ _ _
124
120 000
K, M
BX
100
CDR35BX154B_ _ _
154
150 000
K, M
BX
100
CDR35BX184A_ _ _
184
180 000
K, M
BX
50
CDR35BX224A_ _ _
224
220 000
K, M
BX
50
CDR35BX274A_ _ _
274
270 000
K, M
BX
50
CDR35BX334A_ _ _
334
330 000
K, M
BX
50
CDR35BX394A_ _ _
394
390 000
K, M
BX
50
CDR35BX474A_ _ _
474
470 000
K, M
BX
50
MIL-C-55681 QUALIFIED, TYPE CDR
MILITARY TYPE
DESIGNATION
CAPACITANCE
CODE
CAPACITANCE
(pF)
CAPACITANCE
TOLERANCE
RATED TEMP. AND
VOLTAGE TEMP. LIMITS
VOLTAGE
(DC)
TAPE AND REEL QUANTITIES (1)(2)(3)
STYLES
BODY SIZE
TAPE SIZE
7" REEL QUANTITIES
11 1/4" AND 13" REEL QUANTITIES
BULK
PACKAGING CODE
PACKAGING CODE
“C”
“T”
“J”
“P”
“R”
“B”
CDR01,
CDR31
0805
8 mm
3000
3000
1000
10 000
10 000
100
CDR32
1206
8 mm
n/a
3000
1000
n/a
10 000
100
CDR33
1210
8 mm
n/a
3000
1000
n/a
10 000
100
CDR02
1805
12 mm
n/a
3000
500
n/a
10 000
100
CDR03
1808
12 mm
n/a
2000
500
n/a
10 000
100
CDR04,
CDR34
1812
12 mm
n/a
1000
500
n/a
4000
100
CDR35
1825
12 mm
n/a
1000
500
n/a
4000
100
CDR06
2225
12 mm
n/a
1000
500
n/a
4000
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com