Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDR33BX102BFURAJ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CDR33BX102BFURAJ
Description  Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDR33BX102BFURAJ Datasheet(HTML) 2 Page - Vishay Siliconix

  CDR33BX102BFURAJ Datasheet HTML 1Page - Vishay Siliconix CDR33BX102BFURAJ Datasheet HTML 2Page - Vishay Siliconix CDR33BX102BFURAJ Datasheet HTML 3Page - Vishay Siliconix CDR33BX102BFURAJ Datasheet HTML 4Page - Vishay Siliconix CDR33BX102BFURAJ Datasheet HTML 5Page - Vishay Siliconix CDR33BX102BFURAJ Datasheet HTML 6Page - Vishay Siliconix CDR33BX102BFURAJ Datasheet HTML 7Page - Vishay Siliconix CDR33BX102BFURAJ Datasheet HTML 8Page - Vishay Siliconix CDR33BX102BFURAJ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
For technical questions, contact: mlcc@vishay.com
Document Number: 45026
166
Revision: 30-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CDR-MIL-PRF-55681
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors
MIL Qualified, Type CDR
Note
• Detail ratings see selection chart
Notes
(1) DC voltage rating should not be exceeded in application. Other application factors may affect the MLCC performance.
Consult for questions: mlcc@vishay.com
(2) Available tolerances please see rating chart
(3) MIL-PRF-55681 “U” termination part number have increased dimensions
QUICK REFERENCE DATA
DIELECTRIC
STYLE (CASE)
MAXIMUM VOLTAGE
(V)
CAPACITANCE
MINIMUM
MAXIMUM
BP
CDR01 (0805)
100
10 pF
180 pF
BX
CDR01 (0805)
100
120 pF
4.7 nF
BP
CDR02 (1805)
100
220 pF
270 pF
BX
CDR02 (1805)
100
3.9 nF
22 nF
BP
CDR03 (1808)
100
330 pF
1.0 nF
BX
CDR03 (1808)
100
12 nF
68 nF
BP
CDR04 (1812)
100
1.2 nF
3.3 nF
BX
CDR04 (1812)
100
39 nF
180 nF
BX
CDR06 (2225)
50
390 nF
470 nF
BP
CDR31 (0805)
100
1.0 pF
680 pF
BX
CDR31 (0805)
100
470 pF
18 nF
BP
CDR32 (1206)
100
1.0 pF
2.2 nF
BX
CDR32 (1206)
100
4.7 nF
39 nF
BP
CDR33 (1210)
100
1.0 nF
3.3 nF
BX
CDR33 (1210)
100
15 nF
100 nF
BP
CDR34 (1812)
100
2.2 nF
10 nF
BX
CDR34 (1812)
100
27 nF
180 nF
BP
CDR35 (1825)
100
4.7 nF
22 nF
BX
CDR36 (1825)
100
56 nF
470 nF
ORDERING INFORMATION - MILITARY
CDR31
BX
102
A
K
Y
S
A
T
MILITARY
STYLE
DIELECTRIC
CAPACITANCE
NOMINAL
CODE
DC
VOLTAGE
RATING (1)
CAPACITANCE
TOLERANCE (2)
TERMINATION
FAILURE
RATE
MARKING
PACKAGING
CDR01
CDR02
CDR03
CDR04
CDR06
CDR31
CDR32
CDR33
CDR34
CDR35
BP and BX
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier.
Examples:
102 = 1000 pF
1R8 = 1.8 pF
A = 50 V
B = 100 V
C = ± 0.25 pF
D = ± 0.5 pF
F = ± 1 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
M = Silver Palladium
Y = Ni barrier with
100 % tin
W = Ni barrier with
100 % tin
Z = Ni barrier with
tin/lead plate
min. 4 % lead
U = Hot solder
dipped
(min. of 4 % lead) (3)
M = 1.0 %
P = 0.1 %
R = 0.01 %
S = 0.001 %
Consult
factory for
failure rate
status
A =
Unmarked
T = 7" reel/plastic tape
J = 7" reel (low quantity)
C = 7" reel/paper tape
R = 11 1/4"/13"
reel/plastic tape
P = 11 1/4"/13"
reel/paper tape
B = Bulk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com