Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTS-367P Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTS-367P
Description  0.36 Single Digit Numeric LED Displays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-367P Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTS-367P Datasheet HTML 1Page - Lite-On Technology Corporation LTS-367P Datasheet HTML 2Page - Lite-On Technology Corporation LTS-367P Datasheet HTML 3Page - Lite-On Technology Corporation LTS-367P Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9-129
Pin Connection
Pin No.
Connection
A.LTS-360
B.LTS-367
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
Devices
Part No. LTS-
Description
Package
Dimension
Internal
Circuit
Diagram
AlGaAs
Red
Bright
Red
Green
Red
Orange
Hi.-EFF.
Red
360WC
367WC
368WC
360P
367P
368P
360G
367G
368G
360E
367E
368E
360HR
367HR
368HR
Common Anode,
Rt. Hand Decimal
Common Cathode,
Rt. Hand Decimal
Common Cathode,
1 Overflow
A
A
B
A
B
C
C.LTS-368
Common Anode *1
Cathode F
Cathode G
Cathode E
Cathode D
Common Anode *1
Cathode D.P.
Cathode C
Cathode B
Cathode A
Common Cathode *1
Anode F
Anode G
Anode E
Anode D
Common Cathode *1
Anode D.P.
Anode C
Anode B
Anode A
Cathode Pl. & Mi. *2
Anode Plus Sign
Anode Minus Sign
Cathode Pl. & Mi. *2
No Pin
Cathode B, C & D.P. *3
Anode D.P.
Anode C
Anode B
Cathode B, C & D.P. *3
Internal Circuit Diagrams
A.LTS-360
B.LTS-367
C.LTS-368
Note:1.Pin 1 & 6 are internally connected.
2.Pin 1 & 4 are internally connected.
3.Pin 6 & 10 are internally connected.
Absolute Maximum Rating at Ta=25
Yellow
360Y
367Y
368Y
Unit
Power Dissipation Per Segment
Peak Forward Current Per Segment
(1/10 Duty Cycle, 0.1ms Pulse Width)
Continuous Forward Current Per Segment
Derating Linear from 25
Per Segment
Reverse Voltage Per Segment
Operating Temperature Range
Stroage Temperature Range
Solder Temperature 1/16 Inch Below Seating Plane for 3 Seconds at 260
Parameter
Bright
Red
Green
Yellow
Red
Orange
40
60
15
0.2
5
75
100
25
0.33
5
60
80
20
0.27
5
75
100
25
0.33
5
Hi. -Eff. Red
75
100
25
0.33
5
mW
mA
mA
mA/
V
-35
to +85
-35
to +85
AlGaAs
Red
75
125
30
0.4
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com