Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP221GSZ Datasheet(PDF) 4 Page - Analog Devices

Part # OP221GSZ
Description  Dual Low Power Operational Amplifier, Single or Dual Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP221GSZ Datasheet(HTML) 4 Page - Analog Devices

  OP221GSZ Datasheet HTML 1Page - Analog Devices OP221GSZ Datasheet HTML 2Page - Analog Devices OP221GSZ Datasheet HTML 3Page - Analog Devices OP221GSZ Datasheet HTML 4Page - Analog Devices OP221GSZ Datasheet HTML 5Page - Analog Devices OP221GSZ Datasheet HTML 6Page - Analog Devices OP221GSZ Datasheet HTML 7Page - Analog Devices OP221GSZ Datasheet HTML 8Page - Analog Devices OP221GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. C
–4–
OP221–SPECIFICATIONS
.
OP221G
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset
Voltage Match
DVOS
400
800
mV
Average Noninverting
IB+VCM = 0
140
nA
Bias Current
Input Offset
IC
DVOS
35
mV∞C
Voltage Tracking
Noninverting Input
IOS+VCM = 0
6
12
nA
Offset Current
Common-Mode
Rejection Ratio
DCMRR
VCM = –15 V to 13.2 V
72
80
dB
Match
1
Power Supply
Rejection Ratio
DPSRR
140
mV/V
Match
2
NOTES
1
DCMRR is 20 log10 VCM/DCME, where VCM is the voltage applied to both noninverting inputs and DCME is the difference in common-mode input-referred error.
2
DPSRR is: Input-Referred Differential Error
DVS
(Matching Characteristics at Vs =
15 V, –40 C
£ TA £ +85 C for OP221G, unless other-
wise noted. G is sample tested.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com