Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP420GP Datasheet(PDF) 1 Page - Analog Devices

Part # OP420GP
Description  Quad Micropower Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP420GP Datasheet(HTML) 1 Page - Analog Devices

  OP420GP Datasheet HTML 1Page - Analog Devices OP420GP Datasheet HTML 2Page - Analog Devices OP420GP Datasheet HTML 3Page - Analog Devices OP420GP Datasheet HTML 4Page - Analog Devices OP420GP Datasheet HTML 5Page - Analog Devices OP420GP Datasheet HTML 6Page - Analog Devices OP420GP Datasheet HTML 7Page - Analog Devices OP420GP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP420
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Quad Micropower
Operational Amplifier
PIN CONNECTIONS
GENERAL DESCRIPTION
The OP420 quad micropower operational amplifier is a single-
chip quad patterned after the OP20 precision micropower single
operational amplifier. A Darlington PNP input stage allows the
input common-mode voltage to include V–. The wide input
range combined with low power supply drain (~40
µA/section at
5 V) provides a unique solution for designs requiring high func-
tional density and portable operation. Applications include
2-wire transmitters for process control loops, battery-operated
remote-line filters, signal preconditioning amplifiers, and a
variety of multiple-gain block arrays.
–IN
–IN
Q1
Q3
Q4
C1
Q5
Q6
Q2
Q7
Q9
Q11
Q10
Q13
Q8
Q12
Q33
Q26
Q27
Q29
V–
OUTPUT
V+
Q28
Figure 1. Simplified Schematic (1/4 Shown)
FEATURES
Low Supply Current: 200
A Max @ VS = 5 V
Single-Supply Operation: 5 V to 30 V
Dual-Supply Operation: 2.5 V to 15 V
Low Input Offset Voltage: 500
V Typ
Low Input Offset Voltage Drift: 5
V/ C Typ
High Common-Mode Input Range: V– to (V+ – 1.5 V)
High CMRR: 100 dB Typ
High Open-Loop Gain: 1100 V/mV Typ
LM 148 Pinout
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
N.C.
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
N.C.
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
+
+
+
+
16-Pin SOL
(S-Suffix)
9
10
11
12
13
+IN1
NC
V+
NC
+IN2
+IN4
NC
V–
NC
+IN3
3
2
1
20
19
4
5
6
7
8
18
17
16
15
14
OP420CRC/883
20-Lead LCC
(RC-Suffix)
OUT 1
–IN 1
+IN 1
V+
+IN 2
–IN 2
OUT 2
OUT 4
–IN 4
+IN 4
V–
+IN 3
–IN 3
OUT 3
14
13
12
11
10
9
8
1
3
2
4
5
6
7
+
+
+
+
14-Pin Hermetic DIP
(Y-Suffix)
14-Pin Epoxy DIP
(P-Suffix)


Similar Part No. - OP420GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP420GP AD-OP420GP Datasheet
111Kb / 8P
Quad Micropower Operational Amplifier
REV. A
More results

Similar Description - OP420GP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
Micropower Quad Operational Amplifier
logo
Analog Devices
OP-420 AD-OP-420 Datasheet
180Kb / 6P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LP124 NSC-LP124 Datasheet
230Kb / 10P
Micropower Quad Operational Amplifier
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
Micropower Quad Operational Amplifier
logo
Analog Devices
OP420G AD-OP420G Datasheet
111Kb / 8P
Quad Micropower Operational Amplifier
REV. A
OP-420 AD-OP-420_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP420 AD-OP420_15 Datasheet
121Kb / 8P
Quad Micropower Operational Amplifier
REV. A
logo
Texas Instruments
LP2902-N TI1-LP2902-N Datasheet
1Mb / 18P
Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com