Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP292GSZ1 Datasheet(PDF) 2 Page - Analog Devices

Part # OP292GSZ1
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP292GSZ1 Datasheet(HTML) 2 Page - Analog Devices

  OP292GSZ1 Datasheet HTML 1Page - Analog Devices OP292GSZ1 Datasheet HTML 2Page - Analog Devices OP292GSZ1 Datasheet HTML 3Page - Analog Devices OP292GSZ1 Datasheet HTML 4Page - Analog Devices OP292GSZ1 Datasheet HTML 5Page - Analog Devices OP292GSZ1 Datasheet HTML 6Page - Analog Devices OP292GSZ1 Datasheet HTML 7Page - Analog Devices OP292GSZ1 Datasheet HTML 8Page - Analog Devices OP292GSZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
OP292/OP492
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Pin Configurations ........................................................................... 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics............................................................. 3
 
Absolute Maximum Ratings............................................................ 6
 
Thermal Resistance ...................................................................... 6
 
ESD Caution.................................................................................. 6
 
Typical Performance Characteristics ............................................. 7
 
Applications Information .............................................................. 13
 
Phase Reversal............................................................................. 13
 
Power Supply Considerations ................................................... 13
 
Typical Applications....................................................................... 14
 
Direct Access Arrangement for Telephone Line Interface ... 14
 
Single-Supply Instrumentation Amplifier .............................. 14
 
DAC Output Amplifier.............................................................. 14
 
50 Hz/60 Hz Single-Supply Notch Filter ................................. 15
 
Four-Pole Bessel Low-Pass Filter ............................................. 15
 
Low Cost, Linearized Thermistor Amplifier.............................. 15
 
Single-Supply Ultrasonic Clamping/Limiting Receiver
Amplifier ..................................................................................... 16
 
Precision Single-Supply Voltage Comparator ........................ 16
 
Programmable Precision Window Comparator .................... 16
 
Outline Dimensions ....................................................................... 17
 
Ordering Guide .......................................................................... 17
 
REVISION HISTORY
5/09—Rev. B to Rev. C
Deleted 8-Lead PDIP and 14-Lead PDIP........................Universal
Changes to Features Section and General Description Section . 1
Changed VS = 5 V to VS = ±15 V.................................................... 4
Changes to Table 3 and Table 4....................................................... 6
Changes to Figure 21 Caption and Figure 24 Caption .............. 10
Changes to Figure 29...................................................................... 11
Changes to Figure 35...................................................................... 13
Deleted OP292 SPICE Macro-model Section............................. 14
Changes to Figure 38...................................................................... 14
Changes to Figure 39 and Figure 41............................................. 15
Deleted OP492 SPICE Macro-model Section............................. 16
Changes to Figure 44...................................................................... 16
Updated Outline Dimensions ....................................................... 17
Changes to Ordering Guide .......................................................... 17
10/02—Rev. A to Rev. B
Edits to Outline Dimensions......................................................... 18
1/02—Rev. 0 to Rev. A
Deleted Wafer Test Limits ............................................................... 4
Deleted Dice Characteristics........................................................... 4
Edits to Ordering Guide ................................................................ 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com