Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA445SM Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA445SM
Description  High Voltage FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445SM Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA445SM Datasheet HTML 9Page - Texas Instruments OPA445SM Datasheet HTML 10Page - Texas Instruments OPA445SM Datasheet HTML 11Page - Texas Instruments OPA445SM Datasheet HTML 12Page - Texas Instruments OPA445SM Datasheet HTML 13Page - Texas Instruments OPA445SM Datasheet HTML 14Page - Texas Instruments OPA445SM Datasheet HTML 15Page - Texas Instruments OPA445SM Datasheet HTML 16Page - Texas Instruments OPA445SM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
OPA445
SBOS156B − MARCH 1987 − REVISED APRIL 2008
www.ti.com
13
9.
With these preparatory steps in place, the PowerPAD
IC is simply placed in position and run through the
solder reflow operation as any standard surfacemount
component. This preparation results in a properly
installed part.
For detailed information on the PowerPAD package,
including thermal modeling considerations and repair
procedures, see technical brief SLMA002 PowerPAD
Thermally-Enhanced Package available for download at
www.ti.com.
OPTIONAL:
REQUIRED:
Thermal Land
(Copper)
Minimum S ize
4.8mm x 3.8mm
(189 mils x 150 mils)
Additional four vias outside
of thermal pad area but
under the package.
Thermal pad area 2.286mm x 2.286mm
(90 mils x 90 mils) with five vias
(via diameter = 13 mils)
Figure 14. 8-Pin PowerPAD PCB Etch and Via
Pattern
TYPICAL APPLICATIONS
OPA445
R
1
Compliance Voltage Range =
±35V
NOTE: R
1 =R3 and R2 =R4 +R5
+40V
100k
Ω
R
2
10k
Ω
R
3
100k
Ω
R
4
9.9k
Ω
−40V
R
5
100
Ω
I
L
Load
I
L =[(V2 − V1)/R5](R2/R1)
=(V
2 − V1)/1kΩ
V
2
V
1
Figure 15. Voltage-to-Current Converter
OPA445
0−2mA
+60V
25k
Ω
−12V
V
O = 0V to +50V
at 10mA
0.1
µF
0.1
µF
Protects DAC
During Slewing
DAC8811
or
DAC7811
Figure 16. Programmable Voltage Source
+45V
160V
Piezo(1)
Crystal
−45V
Master
R
2
9k
Ω
R
1
1k
Ω
V
IN
±4V
OPA445
+45V
−45V
Slave
R
4
10k
Ω
R
3
10k
Ω
OPA445
NOTE: (1) For transducers with large capacitance the stabilization
technique described in Figure 6 may be necessary. Be certain that the
Master amplifier is stable before stabilizing the Slave amplifier.
Figure 17. Bridge Circuit Doubles Voltage for Piezo Crystals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com